Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9965TS Datasheet(PDF) 30 Page - STMicroelectronics

Part # L9965TS
Description  Automotive SPI to isolated SPI transceiver
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9965TS Datasheet(HTML) 30 Page - STMicroelectronics

Back Button L9965TS Datasheet HTML 26Page - STMicroelectronics L9965TS Datasheet HTML 27Page - STMicroelectronics L9965TS Datasheet HTML 28Page - STMicroelectronics L9965TS Datasheet HTML 29Page - STMicroelectronics L9965TS Datasheet HTML 30Page - STMicroelectronics L9965TS Datasheet HTML 31Page - STMicroelectronics L9965TS Datasheet HTML 32Page - STMicroelectronics L9965TS Datasheet HTML 33Page - STMicroelectronics L9965TS Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 62 page
background image
Figure 10. SPI Target timing diagram
Table 30. SPI Target electrical parameters
Symbol
Parameter
Test condition
Min Typ Max Unit
PIN
FCLK_SPI
CLK frequency (50% duty cycle)
Application info
10
MHz
NCS, SDI, SDO,
SCLK
TCLK_L
Time interval for CLK = LOW
Application info
50
ns
NCS, SDI, SDO,
SCLK
TCLK_H
Time interval for CLK = HIGH
Application info
50
ns
NCS, SDI, SDO,
SCLK
TMISO_VALID
Propagation delay (time passed after
propagating SCLK edge @ at SDO
active)
Guaranteed by design
30
ns
NCS, SDI, SDO,
SCLK
TCLK_LEAD
time passed after NCS H/L edge @ first
SCLK edge
Application info
110
ns
NCS, SDI, SDO,
SCLK
TMOSI_SETUP
SDI input setup time (time passed after
SDI data valid @ sampling SCLK edge)
Application info
10
ns
NCS, SDI, SDO,
SCLK
TMOSI_HOLD
SDI input hold time (time passed after
propagating SCLK edge @ SDI data “not
valid anymore”)
Application info
10
ns
NCS, SDI, SDO,
SCLK
Tsclch
Time passed after CLK -> CPOL @ NCS
H/L edge
FCLK_SPI = 10 MHz
75
ns
NCS, SDI, SDO,
SCLK
TCLK_lag
Time passed after CLK -> CPOL @ NCS
L/H edge
FCLK_SPI = 10 MHz
100
ns
NCS, SDI, SDO,
SCLK
Thclch
CLK high after NCS high
FCLK_SPI = 10 MHz
100
ns
NCS, SDI, SDO,
SCLK
TNO_DATA
NCS min high time
FCLK_SPI = 10 MHz
900
ns
NCS, SDI, SDO,
SCLK
tMISO_DIS
NCS L/H to SDO @ high impedance
FCLK_SPI = 10 MHz
Cload=60pF
100
ns
NCS, SDI, SDO,
SCLK
tMISO_ACC
NCS H/L to SDO active
FCLK_SPI = 10 MHz
Cload=60pF
100
ns
NCS, SDI, SDO,
SCLK
VIN_H
Logic input high voltage
Tested in production
2
V
SCLK, SDI
NCS
VIN_HYS
Input hysteresis
Tested in production
0.1
0.5
V
SCLK, SDI
L9965T/L9965TS
Functional description
DS14987 - Rev 1
page 30/62



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com