Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9965TS Datasheet(PDF) 49 Page - STMicroelectronics

Part # L9965TS
Description  Automotive SPI to isolated SPI transceiver
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9965TS Datasheet(HTML) 49 Page - STMicroelectronics

Back Button L9965TS Datasheet HTML 45Page - STMicroelectronics L9965TS Datasheet HTML 46Page - STMicroelectronics L9965TS Datasheet HTML 47Page - STMicroelectronics L9965TS Datasheet HTML 48Page - STMicroelectronics L9965TS Datasheet HTML 49Page - STMicroelectronics L9965TS Datasheet HTML 50Page - STMicroelectronics L9965TS Datasheet HTML 51Page - STMicroelectronics L9965TS Datasheet HTML 52Page - STMicroelectronics L9965TS Datasheet HTML 53Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 62 page
background image
5.12.2.1
Diagnostic functions
Table 49. NVM integrity check diagnostic functions
Fault type
Assertion
condition
IC reaction to assertion
Release
condition
Maskable
NVM Trimming
Integrity check
fail
At least one of
the trimming
sectors has
failed the CRC
check
•
The CRC check failing sector data
is not downloaded into the local
registers. Register data is
replaced by all zeros.
•
TRIM_NVM_CRC_FAIL = 1 in
GEN_STATUS3
•
The FLT pin and the SPI FAULT is
asserted in NORMAL if
NVM_CRC_FAIL_MSK =0 in
GENERAL_REG
Clear on
read
•
It is possible to mask all
zeros replacement setting
the NVM_CRC_FAIL_MSK
bit before a download
•
FLT pin and SPI FAULT
maskable by bit
NVM_CRC_FAIL_MSK in
GENERAL_REG
NVM
Configuration
Integrity check
fail
At least one of
the
configuration
sectors has
failed the CRC
check
•
The CRC check failing sector data
is not downloaded into the local
registers. Register data is
replaced by all zeros.
•
CONF_NVM_CRC_FAIL = 1 in
GEN_STATUS3
•
The FLT pin and the SPI FAULT is
asserted in NORMAL if
NVM_CRC_FAIL_MSK =0 in
GENERAL_REG
Clear on
read
•
It is possible to mask all
zeros replacement setting
the NVM_CRC_FAIL_MSK
bit before a download
•
FLT pin and SPI FAULT
maskable by bit
NVM_CRC_FAIL_MSK in
GENERAL_REG
NVM Upload
fail
Failure in the
upload phase of
the NVM
registers
•
NVM_VERIFY_ERR = 1 in
GENERAL_REG
Clear on
read
5.12.2.2
Electrical parameters
Table 50. NVM electrical parameters
Symbol
Parameter
Test conditions
Min Typ Max
Unit
NNVM_WRITE_CYCLES
Number of allowed NVM write cycles to guarantee
data retention
Guaranteed by SCAN
1000 cycles
TNVM_UPLOAD
NVM user sector upload time duration
Guaranteed by SCAN
12
ms
TNVM_DOWNLOAD
NVM full download time duration
Guaranteed by SCAN
400
µs
5.12.3
Configuration Register data integrity check (CONF_CRC)
In order to guarantee the integrity over time of key trimming and configuration data downloaded from NVM, safety
relevant registers content (VIF_ID_CFG, GEN_CFG1, GEN_CFG2, GEN_CFG3) is automatically and cyclically
checked against corruption within NORMAL mode: this is possible because local register data is provided with a
CRC signature, that can be checked periodically (with period tCONF_CRC) when no operation on the NVM is
performed, i.e. NVM circuit is in reset state.
The local register CRC signature is managed in the following way:
•
Every time NVM data is downloaded into local registers (either automatic or user-driven), a CRC signature
is refreshed as well
•
Every time the user changes the local register data, the corresponding CRC signature is not automatically
updated, thus a CRC check failure is expected at the next execution cycle; as the user requests an NVM
upload and refresh operation the local register CRC signature is updated accordingly, and no further CRC
check failure is expected. To mask this systematic CRC check failure the user can set the
GENERAL_REG.CYC_CRC_DIS bit.
L9965T/L9965TS
Functional description
DS14987 - Rev 1
page 49/62



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com