Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9965TS Datasheet(PDF) 20 Page - STMicroelectronics

Part # L9965TS
Description  Automotive SPI to isolated SPI transceiver
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9965TS Datasheet(HTML) 20 Page - STMicroelectronics

Back Button L9965TS Datasheet HTML 16Page - STMicroelectronics L9965TS Datasheet HTML 17Page - STMicroelectronics L9965TS Datasheet HTML 18Page - STMicroelectronics L9965TS Datasheet HTML 19Page - STMicroelectronics L9965TS Datasheet HTML 20Page - STMicroelectronics L9965TS Datasheet HTML 21Page - STMicroelectronics L9965TS Datasheet HTML 22Page - STMicroelectronics L9965TS Datasheet HTML 23Page - STMicroelectronics L9965TS Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 62 page
background image
Symbol
Parameter
Test conditions
Min
Typ
Max Unit
TCYCLIC_WAKEUP_TIMEOUT_111
Transceiver
CYCLIC_WAKEUP
timeout
s
GEN_CFG5.WAKEUP_CYCLIC_
TIMEOUT_LISTENER_SEL=111
14.40 16.00 17.60
TSELF_WAKEUP
Self-wakeup latency
From the assertion of a fault in
CYCLIC_WAKEUP to the complete
transition in NORMAL
2
ms
TSPI_WAKEUP_TIMEOUT
Timeout for receipt of
wakeup frame
0.4
2
ms
5.2
Power supply section
The VB pin is the main supply:
•
It feeds the 5V LDO (V5V)
•
It feeds the 3V3 Internal LDO (V3V3)
•
It is directly connected to WKP pin
5.2.1
VB battery supply
5.2.1.1
Diagnostic functions
Table 10. Power supply diagnostics
Fault
type
Assertion
condition
IC reaction to assertion
Release condition
Maskable
VB UV
VVB <
VVB_UV_TH
•
VB_UV = 1 in GEN_STATUS1
•
The FLT pin and the SPI FAULT
are asserted in NORMAL if
MSK_VB_UV=0 in GEN_CFG3
Clear on read if
VVB > VVB_UV _TH +
VVB_UV _HYS
•
VB_UV status bit non
maskable
•
FLT pin and SPI FAULT
maskable by bit
MSK_VB_UV in
GEN_CFG3
5.2.1.2
Electrical parameters
Table 11. Power supply electrical parameters
Symbol
Parameter
Test condition
Min
Typ
Max
Unit
VVB_UV_TH
VB Undervoltage Threshold
Tested in production
4.75
5
5.25
V
VVB_UV_HYS
VB Undervoltage hysteresis
Tested in production
85
185
mV
TVB_UV_FIL
VB Undervoltage filter time
Tested by SCAN
20
µs
5.2.2
VIO output buffer supply
This supply must be powered externally by a regulated 3.3V or 5V voltage (could be from MCU PMIC).
It powers SDO, FLT, and BNE interface pins.
5.2.3
V3V3 internal LDO
This is the internal 3.3V LDO:
•
It is fed by the VB main supply
•
It is used for supplying internal circuitry
When in undervoltage, it determines the POR_MAIN assertion.
The bit GEN_CFG5.POR_SLEEP_ASSERTED indicates that a transition to OFF state has occurred or that an
oscillator stuck condition has been previously detected. At the first power-up, this bit is normally asserted.
L9965T/L9965TS
Functional description
DS14987 - Rev 1
page 20/62



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com