Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9965TS Datasheet(PDF) 2 Page - STMicroelectronics

Part # L9965TS
Description  Automotive SPI to isolated SPI transceiver
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9965TS Datasheet(HTML) 2 Page - STMicroelectronics

  L9965TS Datasheet HTML 1Page - STMicroelectronics L9965TS Datasheet HTML 2Page - STMicroelectronics L9965TS Datasheet HTML 3Page - STMicroelectronics L9965TS Datasheet HTML 4Page - STMicroelectronics L9965TS Datasheet HTML 5Page - STMicroelectronics L9965TS Datasheet HTML 6Page - STMicroelectronics L9965TS Datasheet HTML 7Page - STMicroelectronics L9965TS Datasheet HTML 8Page - STMicroelectronics L9965TS Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 62 page
background image
1
Overview
In a high voltage battery management system, the master microcontroller accesses the cells monitor and the pack
current monitor devices for diagnostics and control purposes. Since the different BMS ICs are located into
different voltage domains, it is required isolated communication between each other.
The L9965T/TS allows isolated daisy chain connection through a simple two-wire protocol in L9965x-based HV
BMS applications. It converts data from a standard 4-wire SPI protocol to a 2-wire proprietary protocol (and vice
versa), supporting the signals isolation by capacitors or transformers.
All the devices in the daisy chain recognize the protocol and can be addressed in read-write mode by a single
transceiver. Ring connection can be implemented by the dual channel device L9965T.
L9965T/L9965TS implements two physical communication interfaces.
•
SPI Target Interface: this interface is used by the controller MCU to configure and send commands to
L9965T/TS and, through it, to all the devices in the chain.
•
Isolated Vertical Interface (VIF): this interface is typically used to connect BMS daisy-chained devices
L9965A/C to L9965T/TS and to each other on the VIF bus.
Figure 1. L9965T in a L9965x-based BMS system
BJB
BMU
CMC
CMC
V, T sense
Balance
HV+
HV-
SBC/PMIC
MCU
L9965A
CAP or
transformer
CAP or
transformer
COMH
Optional ring
connection
COML
V, T sense
Balance
L9965A
CAP or
transformer
COMH
COML
CAP or
transformer
SPI
Transformer
L9965T/TS
L9965P
Transformer
CAP or
transformer
L9965C
COMH
COML
CAP or
transformer
The L9965T/TS manages periodic wakeup of the devices in the chain for diagnostic purposes and it is sensitive to
fault tones from the devices in the chain when in low power mode. It implements a set of commands to optimize
the communication over the chain:
•
Broadcast command, to write and configure all devices in the chain (or a subset)
•
Burst and compressed burst read, to enable high data rate transmission from all devices in the chain with
negligible impact on the power consumption
•
Go-to-sleep command, to set all the devices in the chain to low power mode
•
FAULT/WAKEUP tone, to wake-up the chain for normal operation or faults signaling
•
CYCLIC_WAKEUP tone, to trigger periodic diagnostic execution in the chained devices.
These functionalities are implemented using different functional states, to optimize system power consumption:
•
NORMAL: full operation mode
L9965T/L9965TS
Overview
DS14987 - Rev 1
page 2/62



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com