Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9965TS Datasheet(PDF) 23 Page - STMicroelectronics

Part # L9965TS
Description  Automotive SPI to isolated SPI transceiver
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9965TS Datasheet(HTML) 23 Page - STMicroelectronics

Back Button L9965TS Datasheet HTML 19Page - STMicroelectronics L9965TS Datasheet HTML 20Page - STMicroelectronics L9965TS Datasheet HTML 21Page - STMicroelectronics L9965TS Datasheet HTML 22Page - STMicroelectronics L9965TS Datasheet HTML 23Page - STMicroelectronics L9965TS Datasheet HTML 24Page - STMicroelectronics L9965TS Datasheet HTML 25Page - STMicroelectronics L9965TS Datasheet HTML 26Page - STMicroelectronics L9965TS Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 62 page
background image
5.3.1
Diagnostic functions
Table 16. Analog BIST diagnostics
Fault
type
Assertion condition
IC reaction to assertion
Release
condition
Maskable
Analog
BIST
failure
•
VB_UV or
•
V3V3 OV or
•
V5V UV or
•
V5V OV
comparator fail in NORMAL.
•
V3V3 OV or
•
V5V UV or
•
V5V OV or
•
GND LOSS
comparator FAIL in
CYCLIC_WAKEUP
•
BIST_ANA_FAIL = 1 in
GEN_STATUS3
•
The FLT pin and the SPI
FAULT is asserted in
NORMAL if
MSK_BIST_ANA_FAIL = 0 in
GEN_CFG3
Clear on
read
•
BIST_ANA_FAIL status bit
non maskable
•
FLT pin and SPI FAULT
maskable by bit
MSK_BIST_ANA_FAIL in
GEN_CFG3
5.4
Thermal shutdown
The device embeds a thermal sensor and shut-down comparator to protect, in case of short to GND, the following
pins:
•
V5V pin (see Section 5.2.4)
•
WKP driver circuit (see Section 5.9.3).
Thermal shutdown feature is enabled only after V5V regulator has completed the power-up phase.
5.4.1
Diagnostic functions
When both thermal shutdown and V5V overcurrent are detected concurrently, V5V regulator is immediately
disabled and IC moves to DEEPSLEEP state; after a new successful power-up, the V5V_OT flag set is still
readable to the user, as this bit only is not cleared in DEEPSLEEP mode.
When thermal shutdown is detected concurrently to WKP_ERR detection (see Section 5.9), a fault is detected
and WKP driver is immediately disabled, it can be re-engaged if the fault condition is removed.
Table 17. Thermal shutdown diagnostics
Fault
type
Assertion
condition
IC reaction to assertion
Release condition
IC reaction
to status
bit clear
Maskable
TSD
TJ>TTH_TSD_V5V
for t> tFLT_TSD_V5V
•
TSD = 1 in
GEN_STATUS3
•
The FLT pin and the
SPI FAULT is asserted
in NORMAL if
MSK_TSD=0 in
GEN_CFG3
Clear on read if
TJ<TTH_TSD_V5V-
TTH_HYS_TSD_V5V
for t>tFLT_TSD_V5V
•
TSD status bit non
maskable
•
FLT pin and SPI
FAULT maskable
by bit MSK_TSD in
GEN_CFG3
V5V OT
V5V_OC = 1 and
TSD = 1
•
V5V_OT = 1 in
GEN_STATUS1
•
V5V regulator is
disabled
•
Transition to DEEP
SLEEP state
Clear on read after
successful power-
up
Non maskable
L9965T/L9965TS
Functional description
DS14987 - Rev 1
page 23/62



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com