Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9965TS Datasheet(PDF) 31 Page - STMicroelectronics

Part # L9965TS
Description  Automotive SPI to isolated SPI transceiver
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9965TS Datasheet(HTML) 31 Page - STMicroelectronics

Back Button L9965TS Datasheet HTML 27Page - STMicroelectronics L9965TS Datasheet HTML 28Page - STMicroelectronics L9965TS Datasheet HTML 29Page - STMicroelectronics L9965TS Datasheet HTML 30Page - STMicroelectronics L9965TS Datasheet HTML 31Page - STMicroelectronics L9965TS Datasheet HTML 32Page - STMicroelectronics L9965TS Datasheet HTML 33Page - STMicroelectronics L9965TS Datasheet HTML 34Page - STMicroelectronics L9965TS Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 62 page
background image
Symbol
Parameter
Test condition
Min Typ Max Unit
PIN
NCS
RIN_PD
Input pulldown resistor. Applies to SCK,
SDI
0.4
1
1.6
MΩ
SCLK SDI
RIN_PU
Input pullup resistor. Applies to NCS
0.4
1
1.6
MΩ
NCS
5.7.2
Isolated Vertical Interface (VIF)
The IC integrates communication ports to interface up to NVIF_STACK devices in daisy chain by isolated cables
twisted pair (VIF).
The VIF supports capacitive to capacitive, transformer to transformer, transformer to capacity and vice-versa
communication isolation in single access or dual ring daisy-chain for enhanced safety.
The VIF receiver port is always enabled, regardless of the device operating state, and the sensitivity to received
commands depends upon the device state as reported in Table 31 below.
Table 31. VIF receiver sensitivity
FSM State
Received commands
Effect
DEEP SLEEP/CYCLIC COUNT
•
FAULT/WAKEUP tone
•
CYCLIC_WAKEUP tone
FSM transition
CYCLIC_WAKEUP
•
FAULT/WAKEUP tone
•
CYCLIC_WAKEUP tone
FSM transition
NORMAL
VIF frames
Functional operations
For the FAULT/WAKEUP tone, see Section 5.8.3.8 and for the CYCLIC_WAKEUP tone, see Section 5.8.3.7.
The VIF transmitter is enabled according to the GENERAL_REG.ISO_TX_EN configuration bit and to the device
state, as listed in the following table:
Table 32. VIF Transmitter (TX) Interface enable conditions
VIF_ID
FSM_STATE
ISO_TX_EN
ISO TX state
Note
0
Any
x
Disabled
Addressing procedure required (see
Section 5.8.1)
≠0
DEEPSLEEP
CYCLIC_COUNT
x
Disabled
X
CYCLIC_WAKEUP
x
Enabled
When device is in sender mode to send the
CYCLIC_WAKEUP tone
≠0
NORMAL
0
Disabled
≠0
NORMAL
1
Enabled (default at
POR_MAIN)
In a VIF port, both positive and negative terminals are biased to a VVIF_CM common mode voltage, and the
information is encoded in the differential signal by a proprietary protocol with the following logic, where each bit
lasts TVIF_BIT:
•
A negative to positive transition indicates a logic ‘0’
•
A positive to negative transition indicates a logic ‘1’
A VIF frame is normally composed of 40 bits. If it is a compressed frame (Compressed = 1) it may be longer than
40 bits, in this case the device decompress it and fill the RX FIFO with the corresponding 40-bit decompressed
frames.
Signals at the ISO port terminals are normally in the VVIF_CM ± (V5V/2) range, as shown in Figure 11 below.
L9965T/L9965TS
Functional description
DS14987 - Rev 1
page 31/62



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com