Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9965TS Datasheet(PDF) 33 Page - STMicroelectronics

Part # L9965TS
Description  Automotive SPI to isolated SPI transceiver
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9965TS Datasheet(HTML) 33 Page - STMicroelectronics

Back Button L9965TS Datasheet HTML 29Page - STMicroelectronics L9965TS Datasheet HTML 30Page - STMicroelectronics L9965TS Datasheet HTML 31Page - STMicroelectronics L9965TS Datasheet HTML 32Page - STMicroelectronics L9965TS Datasheet HTML 33Page - STMicroelectronics L9965TS Datasheet HTML 34Page - STMicroelectronics L9965TS Datasheet HTML 35Page - STMicroelectronics L9965TS Datasheet HTML 36Page - STMicroelectronics L9965TS Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 62 page
background image
Fault
type
Assertion
condition
IC reaction to assertion
Release
condition
Maskable
FIFO RX
FULL
Write request of
received VIF frame
to full FIFO RX
•
FIFO_RX_FULL = 1 in
GEN_STATUS1
•
The FLT pin and the SPI FAULT is
asserted in NORMAL if
MSK_FIFO_RX_FULL = 0 in
GEN_CFG3
Clear on
read
•
FIFO_RX_FULL status bit non
maskable
•
FLT pin and the SPI FAULT
maskable by bit
MSK_FIFO_RX_F
•
ULL in GEN_CFG3
FIFO RX
EMPTY
Read request to
empty FIFO RX
•
FIFO_RX_EMPTY = 1 in
GEN_STATUS1
•
Next SPI MISO frame is RX FIFO
EMPTY (see Section 5.8.4)
Clear on
read
•
FIFO_RX_EMPTY status bit
non maskable
1. For burst read, see Section 5.8.2.2
5.7.2.2
Electrical parameters
Table 34. VIF electrical parameters
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit
Pin
NVIF_STACK
Number of addressable devices
stacked in a single daisy-chain
(including L9965T, L9965C)
Application
information. There are
64 available
addresses, 5 of which
are reserved for
broadcast commands
1
59
devices
ISOP_0,
ISOM_0,
ISOP_1,
ISOM_1
LVIF_WIRE
Maximum length of twisted pair
cables between two VIF nodes,
using the recommended
AWGVIF_WIRE size and
supporting operation in high
frequency
Application
information
10
m
ISOP_0,
ISOM_0,
ISOP_1,
ISOM_1
VVIF_VCM
ISO port positive/negative
terminals common mode
voltage
Tested in production
0
V5V/2 V5V
V
ISOP_0,
ISOM_0,
ISOP_1,
ISOM_1
VTX_DIFF_OUT
TX output differential pulse
Tested in production
using recommended
RTERM
0
V5V
V
ISOP_0,
ISOM_0,
ISOP_1,
ISOM_1
TVIF_START
Delay between NCS pin rising
and start of VIF transmission
Guaranteed by SCAN
1.3
µs
ISOP_0,
ISOM_0,
ISOP_1,
ISOM_1
TVIF_BIT
VIF Bit time
Guaranteed by SCAN
230
250
270
ns
ISOP_0,
ISOM_0,
ISOP_1,
ISOM_1
TVIF_LATENCY
VIF Insertion Delay. Latency
introduced by the insertion of
one IC in the daisy chain
Guaranteed by SCAN
115
125
135
ns
ISOP_0,
ISOM_0,
ISOP_1,
ISOM_1
VRX_DIFF_TH_POS RX differential threshold positive Tested in production
80
200
400
mV
ISOP_0,
ISOM_0,
ISOP_1,
ISOM_1
VRX_DIFF_TH_NEG
RX differential threshold
negative
Tested in production
-400
-200
-80
mV
ISOP_0,
ISOM_0,
ISOP_1,
ISOM_1
L9965T/L9965TS
Functional description
DS14987 - Rev 1
page 33/62



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com