Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9965TS Datasheet(PDF) 24 Page - STMicroelectronics

Part # L9965TS
Description  Automotive SPI to isolated SPI transceiver
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9965TS Datasheet(HTML) 24 Page - STMicroelectronics

Back Button L9965TS Datasheet HTML 20Page - STMicroelectronics L9965TS Datasheet HTML 21Page - STMicroelectronics L9965TS Datasheet HTML 22Page - STMicroelectronics L9965TS Datasheet HTML 23Page - STMicroelectronics L9965TS Datasheet HTML 24Page - STMicroelectronics L9965TS Datasheet HTML 25Page - STMicroelectronics L9965TS Datasheet HTML 26Page - STMicroelectronics L9965TS Datasheet HTML 27Page - STMicroelectronics L9965TS Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 62 page
background image
Fault
type
Assertion
condition
IC reaction to assertion
Release condition
IC reaction
to status
bit clear
Maskable
WKP_OT
WKP_ERR = 1
and TSD = 1
•
WKP driver is disabled
•
WKP_OT = 1 in
GEN_STATUS1
•
The FLT pin and the
SPI FAULT is asserted
in NORMAL if
MSK_WKP_OT =0 in
GEN_CFG3
Clear on read if fault
condition is
removed
The driver
is
reengaged
•
TSD status bit non
maskable
•
FLT pin and SPI
FAULT maskable
by bit
MSK_WKP_OT in
GEN_CFG3
5.4.2
Electrical parameters
Table 18. Thermal shutdown electrical parameters
Symbol
Parameter
Test conditions
Min Typ Max Unit
TTH_TSD_V5V
V5V thermal shut-down, threshold equivalent temperature Guaranteed by design
165
deg
TTH_ HYS_TSD_V5V
Guaranteed by design
10
deg
tFLT_TSD_V5V
V5V thermal shut-down, detection filter time
Digital filter
17
20
23
µs
5.5
Ground loss monitor
To detect failures in grounding, the IC integrates a ground loss monitor. Such diagnostic is available on-demand in
NORMAL state to cover latent failures. Diagnostic execution is enabled programming
GEN_CGF_4.EN_GND_LOSS = 1.
5.5.1
Diagnostic functions
Table 19. Ground loss monitor diagnostics
Fault
type
Assertion condition
IC reaction to assertion
Release condition
Maskable
AGND,
DGND
LOSS
•
|AGND – DGND| >
VGND_LOSS_TH
for t > TGND_LOSS_FIL
•
GND_LOSS = 1 in
GEN_STATUS1
•
The FLT pin and the SPI
FAULT are asserted in
NORMAL if
MSK_GND_LOSS = 0 in
register GEN_CFG3
Clear on read if
|AGND – DGND| <
VGND_LOSS_TH for t
> TGND_LOSS_FIL
•
GND_LOSS status bit
non maskable
•
FLT pin and SPI FAULT
maskable by bit
MSK_GND_LOSS in
GEN_CFG3
5.5.2
Electrical parameters
Table 20. Ground loss monitor characteristics
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit
Pin
VGND_LOSS_TH
Ground loss detection threshold
Tested in production
100
200
300
mV
AGND, DGND
TGND_LOSS_FIL
Ground loss detection filter time
Tested by SCAN
300
µs
AGND, DGND
5.6
Oscillators
Each transceiver channel embeds two oscillators.
A low frequency oscillator operates at fOSCI_SLEEP in the following states:
•
In DEEPSLEEP state it is the time base for wakeup source detection (SPI, VIF)
L9965T/L9965TS
Functional description
DS14987 - Rev 1
page 24/62



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com