Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9965TS Datasheet(PDF) 22 Page - STMicroelectronics

Part # L9965TS
Description  Automotive SPI to isolated SPI transceiver
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9965TS Datasheet(HTML) 22 Page - STMicroelectronics

Back Button L9965TS Datasheet HTML 18Page - STMicroelectronics L9965TS Datasheet HTML 19Page - STMicroelectronics L9965TS Datasheet HTML 20Page - STMicroelectronics L9965TS Datasheet HTML 21Page - STMicroelectronics L9965TS Datasheet HTML 22Page - STMicroelectronics L9965TS Datasheet HTML 23Page - STMicroelectronics L9965TS Datasheet HTML 24Page - STMicroelectronics L9965TS Datasheet HTML 25Page - STMicroelectronics L9965TS Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 62 page
background image
Fault
type
Assertion
condition
IC reaction to assertion
Release condition
Maskable
•
The FLT pin and the SPI
FAULT is asserted in
NORMAL if
MSK_V5V_OC=0 in
GEN_CFG3
for t>TV5V_UV_OV_FIL
•
FLT pin and SPI FAULT
maskable by bit
MSK_V5V_OC in
GEN_CFG3
5.2.4.2
Electrical parameters
Table 15. V5V electrical parameters
Symbol
Parameter
Test conditions
Min Typ Max Unit
VV5V
Regulated voltage
NORMAL, All operating lines and loads
-2%
5
+2%
V
IV5V_LIM
Current limitation
NORMAL, VV5V = 0V Tested in production
-220
-80
mA
CV5V
External LDO capacitance
Application info. Electrical parameters
guaranteed from 1.6µF to 2.64µF. Stability
down 0.8µF.
0.8
2
2.64
µF
TV5V_SOFT_START Soft start timing
From 10% to 90% of VV5V, Guaranteed by
design
200
µs
VV5V_UV_TH
V5V Undervoltage Threshold
Tested in production
4.25
4.75
V
VV5V_UV_HYS
V5V Undervoltage hysteresis
Tested in production
50
150
mV
VV5V_OV_TH
V5V Overvoltage Threshold
Tested in production
5.4
6
V
VV5V_OV_HYS
V5V Overvoltage hysteresis
Tested in production
50
150
mV
TV5V_UV_OV_FIL UV/OV filter time
Tested by SCAN
17
23
µs
ITH_OC_V5V
V5V overcurrent monitor, threshold
current
-185 -145 -85
mA
tFLT_OC_V5V
V5V overcurrent monitor, detection
filter time
Digital filter
17
20
23
µs
5.3
Analog BIST
The IC embeds an analog built-in self-test (BIST) to prevent latent failures affecting safety relevant comparators.
In CYCLIC_WAKEUP state the BIST procedure is executed automatically within the diagnostic routine and it
covers the following comparators:
•
V3V3 OV
•
V5V UV
•
V5V OV
•
GND LOSS
The BIST procedure can be started in NORMAL state by setting GEN_CFG5.BIST_ANA_ENB = 1 in and covers
the following comparators:
•
VB UV
•
V3V3 OV
•
V5V UV
•
V5V OV
The bit GEN_STATUS3.BIST_ANA_DONE= 1 confirms the correct execution of the BIST procedure.
L9965T/L9965TS
Functional description
DS14987 - Rev 1
page 22/62



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com