Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9965TS Datasheet(PDF) 9 Page - STMicroelectronics

Part # L9965TS
Description  Automotive SPI to isolated SPI transceiver
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9965TS Datasheet(HTML) 9 Page - STMicroelectronics

Back Button L9965TS Datasheet HTML 5Page - STMicroelectronics L9965TS Datasheet HTML 6Page - STMicroelectronics L9965TS Datasheet HTML 7Page - STMicroelectronics L9965TS Datasheet HTML 8Page - STMicroelectronics L9965TS Datasheet HTML 9Page - STMicroelectronics L9965TS Datasheet HTML 10Page - STMicroelectronics L9965TS Datasheet HTML 11Page - STMicroelectronics L9965TS Datasheet HTML 12Page - STMicroelectronics L9965TS Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 62 page
background image
Table 3. Absolute maximum ratings
Param
Description
Test
cond
AMR
min
OR min
OR
typ
OR max AMR max Unit
Notes
Power supplies
VVB
VB_x voltage range
vs. GND -0.3
6
24
40
V
VVIO
VIO_x voltage range
3
3
5.5
7
V
VV5V
V5V: voltage range
vs. GND -0.3
5
7
V
Regulated supply to
be used only for
internal use (needed
external capacitor)
C=1µF + 1µF
Ground
AGND
Ground
-0.3
-0.1
0.1
0.3
V
DGND
Ground
-0.3
-0.1
0.1
0.3
V
VIF
VISOx (1)
ISOM_x ISOP_x
voltage range
vs. GND -9
0
VV5V
18
V
AMR account for the
maximum voltage that
can be withstood
during hotplug, BCI,
and system level ESD
trials
SPI
VNCS, VSDI,
VSCK
NCS, SDI, SCK
voltage range
-0.3
0
5.5
7
V
VSDO
SDO voltage range
-0.3
0
VVIO
VVIO + 0,3 V
fed by VIO (Output)
Digital pins
BNE
BNE: voltage range
-0.3
0
VVIO
VVIO + 0,3 V
active High, fed by
VIO (Output)
FLT
FLT Voltage Range
-0.3
0
VVIO
VVIO + 0,3 V
active High, fed by
VIO (Output)
Others
WKP
WKP Voltage Range
-0.3
0
V VB
V VB + 0.3 V
PMOS open drain
1. This limit is intended to guarantee DPI EMC, BCI EMC, Hotplug, and ESD 4kV HBM on ISOx pins
3.2
ESD ratings
Table 4. ESD protection
Test Type
Pin
Value
Unit
HBM(1)
All pins
±2
kV
HBM(1)(2)
ISOPx , ISOMx , VB_x
±4
kV
CDM(3)
All pins
±500
V
CDM(3)
Corner pins
±750
V
Latch-up(4)
All pins
±100
mA
1. HBM (human body model) test according to AEC-Q100-002
2. Each pin is tested versus GND. GND pins connected together
3. CDM (Charged Device Model) test according to AEC-Q100-011
4. Latch-up test according to AEC-Q100-004 Class-2, Level-A
L9965T/L9965TS
Device ratings
DS14987 - Rev 1
page 9/62



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com