Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9965TS Datasheet(PDF) 1 Page - STMicroelectronics

Part # L9965TS
Description  Automotive SPI to isolated SPI transceiver
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9965TS Datasheet(HTML) 1 Page - STMicroelectronics

  L9965TS Datasheet HTML 1Page - STMicroelectronics L9965TS Datasheet HTML 2Page - STMicroelectronics L9965TS Datasheet HTML 3Page - STMicroelectronics L9965TS Datasheet HTML 4Page - STMicroelectronics L9965TS Datasheet HTML 5Page - STMicroelectronics L9965TS Datasheet HTML 6Page - STMicroelectronics L9965TS Datasheet HTML 7Page - STMicroelectronics L9965TS Datasheet HTML 8Page - STMicroelectronics L9965TS Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 62 page
background image
Features
•
AEC-Q100 qualified
•
Temperature grade 1: -40°C to +125°C operating temperature range
•
HBM ESD classification level 2
•
CDM ESD classification level C4B
•
Full ISO26262 compliant, ASIL-D systems ready, documentation available
•
Automatic wake-up of BMS/BMU MCU and PMIC from SHUTDOWN/SLEEP in
case of fault detected in the chain
•
Single or dual channel p/n in the same package for ring connection
•
Supports up to 59 devices in chain
•
Cable lengths verified up to 10 meters
•
10 MHz 4-wire SPI interface
•
4 Mbps 2-wire vertical interface (VIF)
•
Supports both transformer and capacitive isolation
•
Compressed burst data read for enhanced communication speed over the
whole chain
•
Broadcast write command to configure and control all devices in the chain (or a
subset)
•
Very low EMI susceptibility and emissions
•
Compatible with 3.3 V and 5 V logics
•
Supply voltage from 6 V to 24 V
Application
•
Automotive battery monitoring systems
•
Energy storage systems
•
UPS
Description
In BMS systems, the L9965T and L9965TS bidirectional SPI transceivers allow
communication between isolated devices in different voltage domains through a
twisted-pair connection.
The devices belong to the L9965 chipset family for the monitoring and control of high-
voltage battery management systems.
LQFP32L
7x7x1.4 mm
Product status link
L9965T, L9965TS
Product summary
Order code
Package
Packing
L9965T-TR
LQFP32L
Tape and reel
L9965TS-TR
Automotive SPI to isolated SPI transceiver
L9965T/L9965TS
Datasheet
DS14987 - Rev 1 - September 2025
For further information, contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - L9965TS

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L9965P STMICROELECTRONICS-L9965P Datasheet
5Mb / 104P
Automotive single channel pyro-fuse driver
10-Jun-2025
L9965P-FN STMICROELECTRONICS-L9965P-FN Datasheet
5Mb / 104P
Automotive single channel pyro-fuse driver
10-Jun-2025
L9965P-FN-TR STMICROELECTRONICS-L9965P-FN-TR Datasheet
5Mb / 104P
Automotive single channel pyro-fuse driver
10-Jun-2025
L9965P-FP STMICROELECTRONICS-L9965P-FP Datasheet
5Mb / 104P
Automotive single channel pyro-fuse driver
10-Jun-2025
L9965P-FP-TR STMICROELECTRONICS-L9965P-FP-TR Datasheet
5Mb / 104P
Automotive single channel pyro-fuse driver
10-Jun-2025
More results

Similar Description - L9965TS

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT88P8344 IDT-IDT88P8344 Datasheet
648Kb / 98P
SPI EXCHANGE 4 x SPI-3 TO SPI-4 Issue 1.0
logo
Integrated Silicon Solu...
IS25C32B ISSI-IS25C32B Datasheet
591Kb / 15P
32K-BIT SPI AUTOMOTIVE EEPROM
logo
ATMEL Corporation
AT25080A ATMEL-AT25080A_14 Datasheet
706Kb / 19P
SPI Automotive Temperature Serial EEPROMs
AT25080B ATMEL-AT25080B_14 Datasheet
729Kb / 20P
SPI Automotive Temperature Serial EEPROMs
AT25160B ATMEL-AT25160B_14 Datasheet
729Kb / 20P
SPI Automotive Temperature Serial EEPROMs
logo
Seiko Instruments Inc
S25C128A SII-S25C128A Datasheet
407Kb / 31P
SPI SERIAL E2PROM FOR AUTOMOTIVE
logo
IC-Haus GmbH
IC-MCB ICHAUS-IC-MCB Datasheet
1Mb / 28P
SPI-TO-BiSS BRIDGE WITH RS422 TRANSCEIVER
logo
Maxim Integrated Produc...
MAX17841B MAXIM-MAX17841B Datasheet
1Mb / 33P
Automotive SPI Communication Interface (ASCI)
Rev 2; 1/15
logo
STMicroelectronics
L9963T STMICROELECTRONICS-L9963T Datasheet
1Mb / 45P
Automotive general purpose SPI to isolated SPI transceiver
logo
Renesas Technology Corp
IDT88P8342 RENESAS-IDT88P8342 Datasheet
685Kb / 98P
SPI EXCHANGE 2 x SPI-3 TO SPI-4 Issue 1.0
APRIL 2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com