Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9965TS Datasheet(PDF) 43 Page - STMicroelectronics

Part # L9965TS
Description  Automotive SPI to isolated SPI transceiver
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9965TS Datasheet(HTML) 43 Page - STMicroelectronics

Back Button L9965TS Datasheet HTML 39Page - STMicroelectronics L9965TS Datasheet HTML 40Page - STMicroelectronics L9965TS Datasheet HTML 41Page - STMicroelectronics L9965TS Datasheet HTML 42Page - STMicroelectronics L9965TS Datasheet HTML 43Page - STMicroelectronics L9965TS Datasheet HTML 44Page - STMicroelectronics L9965TS Datasheet HTML 45Page - STMicroelectronics L9965TS Datasheet HTML 46Page - STMicroelectronics L9965TS Datasheet HTML 47Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 62 page
background image
5.8.3.5
SPI ERROR frame
It is the IC answer when a wrong MOSI frame has been received.
Table 41. SPI Error frame
DEV_ID
0x00
Address feedback
0x7F
0x00
CRC
5.8.3.6
RX FIFO EMPTY frame
It is the IC answer when the MCU request a read from the RX FIFO and it is empty.
Table 42. RX FIFO empty special frame
DEV_ID
Transceiver
Address feedback
0x1C
Data read
0xEEEE
CRC
5.8.3.7
VIF SHORT TONE – CYCLIC WAKEUP TONE
It is a 0x0 frame that represents a CYCLIC_WAKEUP tone. It is sent autonomously by L9965T/TS transceiver
when in CYCLIC_WAKEUP state. It is characterized by a specific number of bit and frequency.
Table 43. IC reaction to VIF Short tone
IC STATE
IC reaction upon frame receipt
NORMAL
•
FLT pin is asserted
•
GEN_STATUS2. WAKEUP_CYCLIC_VIF = 1
CYCLIC_WAKEUP •
Tone is discarded
CYCLIC_COUNT
•
If L9965T/TS is in sender mode, tone is discarded.
•
If L9965T/TS is in listener mode and the cyclic wake up timeout is not expired, the status becomes
sender and the cyclic wake up timer is restarted.
DEEPSLEEP
•
Device moves to NORMAL within TVIF_WAKEUP_TIME
•
FLT pin is asserted
•
GEN_STATUS2. WAKEUP_CYCLIC_VIF = 1
5.8.3.8
VIF LONG TONE – FAULT/WAKEUP tone
It is a 0x0 VIF frame that represents a FAULT/WAKEUP tone from/to the chain. It is characterized by a specific
number of bit and frequency.
Table 44. IC reaction to VIF LONG tone
IC STATE
IC reaction upon frame receipt
NORMAL
•
FLT pin is asserted
•
GEN_STATUS2.WAKEUP_FAULT_VIF = 1
CYCLIC_WAKEUP
CYCLIC_COUNT
•
Device moves to NORMAL within TVIF_WAKEUP_TIME
•
WKUP and FLT pins are asserted
•
The sender/listener states of the L9965T is latched in the WAKEUP_CYCLIC_TRX_SENDER
•
Or WAKEUP_CYCLIC_TRX_LISTENER bits in register GEN_STATUS2
L9965T/L9965TS
Functional description
DS14987 - Rev 1
page 43/62



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com