Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9965TS Datasheet(PDF) 18 Page - STMicroelectronics

Part # L9965TS
Description  Automotive SPI to isolated SPI transceiver
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9965TS Datasheet(HTML) 18 Page - STMicroelectronics

Back Button L9965TS Datasheet HTML 14Page - STMicroelectronics L9965TS Datasheet HTML 15Page - STMicroelectronics L9965TS Datasheet HTML 16Page - STMicroelectronics L9965TS Datasheet HTML 17Page - STMicroelectronics L9965TS Datasheet HTML 18Page - STMicroelectronics L9965TS Datasheet HTML 19Page - STMicroelectronics L9965TS Datasheet HTML 20Page - STMicroelectronics L9965TS Datasheet HTML 21Page - STMicroelectronics L9965TS Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 62 page
background image
1. NVM trimming data CRC
2. NVM configuration data CRC
3. Oscillator fail
4. Oscillator stuck: if detected, logic block is immediately put under reset and the device moves to DEEPSLEEP
state (immediate reaction)
5. Oscillators Monitor BIST
6. V3V3 overvoltage
7. V5V overvoltage
8. V5V undervoltage
9. V5V overcurrent
10. GND loss (In CYCLIC_WAKEUP this diagnosis is executed automatically independently by the value of
GND_LOSS_ENABLE bit)
11. Analog BIST:
a. V3V3 overvoltage comparator analog BIST
b. V5V overvoltage comparator analog BIST
c. V5V undervoltage comparator analog BIST
d. GND loss comparator BIST
12. Thermal-shutdown monitoring.
If at least one of the above faults is verified, the device moves to NORMAL state and the fault detection is latched
in the corresponding bit of the status registers GEN_STATUS1 and GEN_STATUS3. Faults that may happen
within VIF tone generation time will not cause a transition to NORMAL state.
According to fault detection mask registers GEN_CFG2 and GEN_CFG3, fault detection is notified by the FLT pin
(asserted HIGH) and reported on the FAULT bit of the SPI MISO frame shown in Table 26. Depending on its
configuration (see Section 5.9.3), the WKP pin may also be asserted HIGH in case of faults. In this case, no
CYCLIC_WAKEUP tone is generated.
Assert condition and behavior of each fault are described in detail in the related section.
In addition to the above faults monitoring, a timeout counter (TCW_diag_timeout) is running in background during
diagnostic phase to monitor its duration.
Table 8. CYCLIC_WAKEUP timeout diagnostic
Fault type
Assertion condition
IC reaction to assertion
Release
condition
Maskable
CYCLIC_WAKEUP
Duration Timeout
Diagnostic time in
CYCLIC_WAKEUP
t > TCW_diag_timeout
•
Diagnostic routine is interrupted
•
Device moves to NORMAL
•
GEN_CFG5.WAKEUP_CYCLIC_END = 1
•
The FLT pin, the WKP pin and the SPI FAULT
are asserted
Clear on
read
Non
maskable
CYCLIC_WAKEUP
Tone not received in
TCYCLIC_WAKEUP_TIMEOUT
when transceiver is
listener
•
Device moves to NORMAL
•
GEN_CFG5.WAKEUP_CYCLIC_TRX_TIMEOUT
= 1
•
The FLT pin, the WKP pin and the SPI FAULT
are asserted
Clear on
read
Non
maskable
5.1.3
Electrical parameters
Table 9. FSM and Wakeup electrical parameters
Symbol
Parameter
Test conditions
Min
Typ
Max Unit
TFIRST_POWERUP
Time needed to perform
first power-up sequence
(to reach DEEP_SLEEP
state)
1
ms
L9965T/L9965TS
Functional description
DS14987 - Rev 1
page 18/62



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com