Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9965TS Datasheet(PDF) 25 Page - STMicroelectronics

Part # L9965TS
Description  Automotive SPI to isolated SPI transceiver
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9965TS Datasheet(HTML) 25 Page - STMicroelectronics

Back Button L9965TS Datasheet HTML 21Page - STMicroelectronics L9965TS Datasheet HTML 22Page - STMicroelectronics L9965TS Datasheet HTML 23Page - STMicroelectronics L9965TS Datasheet HTML 24Page - STMicroelectronics L9965TS Datasheet HTML 25Page - STMicroelectronics L9965TS Datasheet HTML 26Page - STMicroelectronics L9965TS Datasheet HTML 27Page - STMicroelectronics L9965TS Datasheet HTML 28Page - STMicroelectronics L9965TS Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 62 page
background image
•
In CYCLIC_COUNT it is used to feed the CYCLIC_WAKEUP timer
•
In NORMAL it is used for clock monitoring functionality.A high frequency oscillator operates at fMAIN_ OSC
and it is active in NORMAL and CYCLIC_WAKEUP states
5.6.1
Diagnostic functions
When in NORMAL or in CYCLIC_WAKEUP state, the two oscillators monitor each-other to ensure that the
frequency is in the allowed range. If the oscillator frequency is not in the correct operating range, the power up
and down transitions and related timing may be affected. Any frequency drift can be detected by the oscillator
monitor.
The oscillator monitor is covered, for latent fault detection, by BIST at each transition from low power states to
NORMAL and CYCLIC_WAKEUP modes.
Table 21. Oscillator Monitor diagnostics
Fault
type
Assertion condition
IC reaction to assertion
Release
condition
Maskable
OSC
FAIL
|fOSCI_SLEEP -
fMAIN_OSC /32| >
fOSC_MON_ERR
•
OSC_FAIL = 1 in GEN_STATUS1
•
The FLT pin and the SPI FAULT
is asserted in NORMAL if
MSK_OSC_FAIL =0 in
GEN_CFG3
Clear on
read
•
MSK_OSC_FAIL status bit
non maskable
•
FLT pin and SPI FAULT
maskable by bit
MSK_OSC_FAIL in
GEN_CFG3
OSC
STUCK
TOSC_STUCK >
TOSCI_STUCK_TIMEOUT
•
The device moves in
DEEPSLEEP state
•
POR_SLEEP_ASSERTED =1 in
GEN_CFG5
•
Device configurations are
restored to default values
-
Non maskable
OSC
MON
BIST
During transition to
NORMAL and
CYCLIC_WAKEUP,
if oscillator monitor logic
check fails
•
BIST_OSC_FAIL=1 in
GEN_STATUS3
•
The FLT pin and the SPI FAULT
is asserted in NORMAL if
MSK_BIST_OSC_FAIL=0 in
GEN_CFG3
Clear on
read(1)
•
BIST_OSC_FAIL status bit
non maskable
•
FLT pin and SPI FAULT
maskable by bit
MSK_BIST_OSC_FAIL in
GEN_CFG3
1. This flag must be checked at least 12 ms after the power-up.
5.6.2
Electrical parameters
Table 22. V5V electrical parameters
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit
fOSCI_SLEEP
Stand-by oscillator frequency
Tested in production
-8%
500
+8%
kHz
fMAIN_OSC
Oscillator frequency
Tested in production
-5%
16
+5%
MHz
fOSC_MON_ERR
Oscillator delta frequency threshold
Guaranteed by SCAN
25
36
%
TOSCI_STUCK_TIMEOUT
Oscillator stuck detection timeout
Guaranteed by SCAN
2
ms
5.7
Communication interfaces
The L9965T/TS implements two communication interfaces allowing BMS microcontroller access to internal
registers and interaction with all the L9965x chained devices:
•
SPI Target, described in Section 5.7.1: used by the controller MCU to access the L9965T/TS device.
•
Isolated Vertical Interface (VIF), described in Section 5.7.2: used by L9965T/TS device to communicate
with the L9965x devices connected in daisy chain on the VIF bus.
L9965T/L9965TS
Functional description
DS14987 - Rev 1
page 25/62



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com