Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPSB100 Datasheet(PDF) 59 Page - STMicroelectronics

Part # SPSB100
Description  Automotive power management IC for highly integrated processors
PDF  213 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPSB100 Datasheet(HTML) 59 Page - STMicroelectronics

Back Button SPSB100 Datasheet HTML 55Page - STMicroelectronics SPSB100 Datasheet HTML 56Page - STMicroelectronics SPSB100 Datasheet HTML 57Page - STMicroelectronics SPSB100 Datasheet HTML 58Page - STMicroelectronics SPSB100 Datasheet HTML 59Page - STMicroelectronics SPSB100 Datasheet HTML 60Page - STMicroelectronics SPSB100 Datasheet HTML 61Page - STMicroelectronics SPSB100 Datasheet HTML 62Page - STMicroelectronics SPSB100 Datasheet HTML 63Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 213 page
background image
5.2.2.2
Operation code
The operating code is used to distinguish among different access modes to the registers of the target device.
Table 10. Operation codes
OC1
OC0
Description
0
0
Write operation
0
1
Read operation
1
0
Read and clear operation
1
1
Read device information
A Write operation leads to a modification of the addressed data by the payload if a write access is allowed (for
example, control register, valid data). Beside this a shift out of the content (data present at Communication start)
of the same register is performed.
A Read operation shifts out the data present in the addressed register at Communication start. The SDI payload
data is ignored and internal data will not be modified. Burst read cannot be performed. Even if the first 8 bits of
SDO are sent during read device information, the chip must receive a full frame with CRC on SDI otherwise a
SPI_CLK_CNT and a SPI_CRC_ERR will be set generating a SPIE.
A Read and clear operation will lead to a clear of addressed status bits. The bits to be cleared are defined first
by address, second by payload data bits set to ‘1’. Beside this a shift out of the content (data present at
Communication start) of the same register is performed.
Note:
Status registers which change status during communication could be cleared by the actual Read and clear
operation and are neither reported in actual communication nor in the following communications. To avoid a loss
of any reported status it is recommended to clear status registers which have been read in the previous
communication (Selective bitwise clear).
5.2.2.3
Advanced operation code
A ‘clear all status registers’ command is performed when an OpCode ‘10’ at address b’111111 is performed.
5.2.2.4
Data-in payload
The payload (Data bits) is the data transferred to the device within every SPI communication. The payload always
follows the OpCode and the address bits.
For write access the payload represents the new data written to the addressed register. For read and clear
operations the payload defines which bits of the addressed status register will be cleared. In case of a ‘1’ at the
corresponding bit position the bit will be cleared.
For a Read operation the SDI payload is not used. For functional safety reasons it is recommended to set unused
payload to ‘0’.
5.2.2.5
SDO frame
The data-out frame consists of 32 bits (GSB + data bits + CRC).
The first eight transmitted bits contain device related status information (GSB) and are latched into the shift
register at the time of the Communication start. These 8 bits are transmitted at every SPI transaction.
The subsequent bytes contain the payload data together with the four LSB bits containing CRC and are latched
into the shift register with the eighth positive CLK edge.
This could lead to an inconsistency of data between the GSB and payload due to different shift register load
times. Anyhow, no unwanted status register clear should appear, as status information should just be cleared with
a dedicated bit clear after.
SPSB100
Serial peripheral interface (SPI)
DS14640 - Rev 2
page 59/213



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com