Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPSB100 Datasheet(PDF) 73 Page - STMicroelectronics

Part # SPSB100
Description  Automotive power management IC for highly integrated processors
PDF  213 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPSB100 Datasheet(HTML) 73 Page - STMicroelectronics

Back Button SPSB100 Datasheet HTML 69Page - STMicroelectronics SPSB100 Datasheet HTML 70Page - STMicroelectronics SPSB100 Datasheet HTML 71Page - STMicroelectronics SPSB100 Datasheet HTML 72Page - STMicroelectronics SPSB100 Datasheet HTML 73Page - STMicroelectronics SPSB100 Datasheet HTML 74Page - STMicroelectronics SPSB100 Datasheet HTML 75Page - STMicroelectronics SPSB100 Datasheet HTML 76Page - STMicroelectronics SPSB100 Datasheet HTML 77Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 213 page
background image
Symbol
Parameter
Condition
Min
Typ
Max Unit
VFBB_REG2
VFBB regulation threshold
If BUCK1 or BUCK2 voltage settings
are above 3.3 V (5.0 or 6.5 V)
9.2
9.5
9.8
V
Fsw_BOOST
Switching frequency
Guaranteed by scan
320
400
480
kHz
Boost_DC_Max(1)
Boost duty cycle max
0 V < VS < VS_LOW
tON = 63 cycles of 33.6 MHz main clk
34
75
83
%
Boost_DC_High(1)
Boost duty cycle high
VS_LOW < VS < VS_MID
tON = 55 cycles of 33.6 MHz main clk
30
65.5
73
%
Boost_DC_Low(1)
Boost duty cycle low
VS_MID < VS < VS_HIGH
tON = 46 cycles of 33.6 MHz main clk
25
54.8
61
%
Boost_DC_Min(1)
Boost duty cycle min
VS_HIGH < VS
tON = 38 cycles of 33.6 MHz main clk
21
45.2
50
%
Boost_DC_LP(1)
Boost duty cycle in low power
mode
VS_HIGH < VS
tON = 2 cycles of 800 kHz
27
50.0
66
%
VS_Low_R
VS comparator threshold
VS_LOW
Rising
4.25
4.5
4.75
V
VS_Low_F
VS comparator threshold
VS_LOW
Falling
3.75
4.0
4.25
V
VS_Low_HYS
VS comparator threshold
VS_LOW
Hysteresis
0.4
0.5
0.6
V
VS_Mid_R
VS comparator threshold VS_MID
Rising
5.7
6.0
6.3
V
VS_Mid_F
VS comparator threshold VS_MID
Falling
5.2
5.5
5.8
V
VS_Mid_HYS
VS comparator threshold VS_MID
Hysteresis
0.4
0.5
0.6
V
VS_High_R
VS comparator threshold
VS_HIGH
Rising
7.1
7.5
7.9
V
VS_High_F
VS comparator threshold
VS_HIGH
Falling
6.6
7
7.4
V
VS_High_HYS
VS comparator threshold
VS_HIGH
Hysteresis
0.4
0.5
0.6
V
VBoost_rip(2)
Boost voltage_ripple
Ripple at 20 kHz
All characteristics of all blocks supplied
by FBB are guaranteed with external
components defined in the Table 50
-
-
2.5
Vpp
IBoost(2)
Boost current capability
Guaranteed with external components
defined in the Table 50
0.05
-
4.2
A
IBoost_LS_sink1
LS driver sink current
VFBB = VGLB = 8.5 V
70
100
130
mA
IBoost_HS_source1
HS driver source current
VFBB = 8.5 V
VGLB = 0 V
70
100
130
mA
IBoost_LS_sink2
LS driver sink current
VFBB = 8.5 V
VGLB = 0.5 V
20
35
55
mA
SPSB100
Electrical characteristics
DS14640 - Rev 2
page 73/213



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com