Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPSB100 Datasheet(PDF) 3 Page - STMicroelectronics

Part # SPSB100
Description  Automotive power management IC for highly integrated processors
PDF  213 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPSB100 Datasheet(HTML) 3 Page - STMicroelectronics

  SPSB100 Datasheet HTML 1Page - STMicroelectronics SPSB100 Datasheet HTML 2Page - STMicroelectronics SPSB100 Datasheet HTML 3Page - STMicroelectronics SPSB100 Datasheet HTML 4Page - STMicroelectronics SPSB100 Datasheet HTML 5Page - STMicroelectronics SPSB100 Datasheet HTML 6Page - STMicroelectronics SPSB100 Datasheet HTML 7Page - STMicroelectronics SPSB100 Datasheet HTML 8Page - STMicroelectronics SPSB100 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 213 page
background image
1
Block diagram and pin description
1.1
Block diagram
Figure 1. Block diagram
CSN
CLK
SDO
SDI
LDO1
VREG1
SGND
BUCK3
LDO2
VREG
FIN1
Thermal
cluster
converter
B
ST3
VIN3 (3 pins)
BST2
PH2 (2 pins)
PGND2 (2 pins)
PH3(4 pins)
PGND3 (3 pins)
COMP3
FB2
COMP2
BST1
VIN12
PH1 (2 pins)
PGND1 (2 pins)
FB1
COMP1
Boost
controller
GLB
DLB
VS
VIO
SWDBG
IGN
NFSO1
IRQ
FB3
FBB
GBY
NRST
WU
HS
FBB
OUT_HS
N.C.
GND
N.C.
N.C.
N.C.
BUCK1
BUCK2
converter
converter
VREG2
SPSB100
Block diagram and pin description
DS14640 - Rev 2
page 3/213



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com