Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPSB100 Datasheet(PDF) 62 Page - STMicroelectronics

Part # SPSB100
Description  Automotive power management IC for highly integrated processors
PDF  213 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPSB100 Datasheet(HTML) 62 Page - STMicroelectronics

Back Button SPSB100 Datasheet HTML 58Page - STMicroelectronics SPSB100 Datasheet HTML 59Page - STMicroelectronics SPSB100 Datasheet HTML 60Page - STMicroelectronics SPSB100 Datasheet HTML 61Page - STMicroelectronics SPSB100 Datasheet HTML 62Page - STMicroelectronics SPSB100 Datasheet HTML 63Page - STMicroelectronics SPSB100 Datasheet HTML 64Page - STMicroelectronics SPSB100 Datasheet HTML 65Page - STMicroelectronics SPSB100 Datasheet HTML 66Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 213 page
background image
RAM address
Description
Access
04H
<Device No.3>
R
03H
<Device No.2>
R
02H
<Device No.1>
R
01H
<Device Family>
R
00H
<Company Code>
R
5.2.3.1
Device information registers
The device information registers can be read by using OpCode ‘11’. After shifting out the GSB the 8bit wide
payload will be transmitted. By reading device information registers a communication width which is minimum 16
bits can be used. After shifting out the GSB followed by the 8bit wide payload a series of ‘0’ is shifted out at the
SDO.
Table 15. Information registers map
ROM address
Description
Access
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
…
3EH
<GSB Options>
R
0
0
0
0
0
0
0
0
…
20H
<SPI CPHA test>
R
0
1
0
1
0
1
0
1
…
15H
<WD bit pos. 3>
R
00H
14H
<WD bit pos. 2>
R
C0H
13H
<WD bit pos. 1>
R
44H
12H
<WD Type 2>
R
91H
11H
<WD Type 1>
R
Watchdog long open window
(refers to watchdog definition)
10H
<SPI mode>
R
32H
…
0AH
<Silicon Ver.>
R
Major revision
Minor revision
…
06H
<Device No.5>
R
01H: SPSB100B and SPSB100P
05H
<Device No.4>
R
4EH
04H
<Device No.3>
R
38H
03H
<Device No.2>
R
52H
02H
<Device No.1>
R
55H
01H
<Device Family>
R
01H
00H
<Company Code>
R
00H
5.2.3.1.1
Device identification registers
These registers represent a unique signature to identify the device and silicon version.
<Company Code>: 00H (STMicroelectronics)
<Device Family>: 01H (BCD power management)
<Device No. 1>: 55H (ASCII code for U)
<Device No. 2>: 52H (ASCII code for R)
<Device No. 3>: 38H (ASCII code for 8)
SPSB100
Serial peripheral interface (SPI)
DS14640 - Rev 2
page 62/213



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com