Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPSB100 Datasheet(PDF) 18 Page - STMicroelectronics

Part # SPSB100
Description  Automotive power management IC for highly integrated processors
PDF  213 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPSB100 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button SPSB100 Datasheet HTML 14Page - STMicroelectronics SPSB100 Datasheet HTML 15Page - STMicroelectronics SPSB100 Datasheet HTML 16Page - STMicroelectronics SPSB100 Datasheet HTML 17Page - STMicroelectronics SPSB100 Datasheet HTML 18Page - STMicroelectronics SPSB100 Datasheet HTML 19Page - STMicroelectronics SPSB100 Datasheet HTML 20Page - STMicroelectronics SPSB100 Datasheet HTML 21Page - STMicroelectronics SPSB100 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 213 page
background image
•
Power-good used to signal BUCK power on success (flag is BUCK1_PG_OK bit and IRQ is generated
except if MASK_BUCK1_PG_IRQ is set):
–
If not, after TBUCK1_PG_TO timing, BUCK1 is switched off and flag BUCK1_PG_TIMEOUT is set.
•
Not successful power-good detection generates an IRQ except if MASK_BUCK1_PG_TIMEOUT_IRQ is
set.
•
Configurable over current protection through U-NVM BUCK1_IPEAK (flag is BUCK1_OC bit). BUCK1 is
therefore switched off after timing tbuck1_OC_TO except if MASK_BUCK1_OC_POWER_OFF is set.
•
Overcurrent detection generates an IRQ except if MASK_BUCK1_OC_IRQ is set.
•
Warning temperature detection by a local thermal sensor (flag is TW_CL1).
•
Warning temperature detection generates an IRQ except if MASK_CL1_TW_IRQ is set.
•
Overtemperature detection by a local thermal sensor (flag is TSD_CL1, see also the
Section 4.7: Temperature monitoring) and buck1 is switched off.
•
BUCK1 internal regulators detection flag is BUCK1_INT_FAIL and the BUCK1 is switched off.
•
Internal fail generates an IRQ except if MASK_BUCK1_IRQ is set
•
After a fault detection (UV, OV,OC, FBLOSS, TSD_CL1 or PG timeout), BUCK1 can be re enabled by
setting BUCK1_ENA = 0 followed by BUCK1_ENA = 1.
•
BUCK1 feedback (FB1) pin disconnection, flag is BUCK1_FBLOSS and the BUCK1 is switched off.
•
FB1 pin disconnection generates an IRQ except if MASK_BUCK1_IRQ is set.
•
Overtemperature detection by a central thermal sensor (flag is TSD_CL0, see also the
Section 4.7: Temperature monitoring) and device is executed power down sequence.
In active low power, BUCK1 converter provides the following diagnostics:
•
UV detection to monitor the output voltage (flag is BUCK1_UV). BUCK1 is therefore switched off except if
SPI bit MASK_BUCK1_UV_POWER_OFF is set.
•
Undervoltage detection generates an IRQ except if MASK_BUCK1_IRQ is set.
•
OV detection to monitor the output voltage (flag is BUCK1_OV bit) BUCK1 is therefore switched off.
•
Overvoltage detection generates an IRQ except if MASK_BUCK1_IRQ is set.
•
Overcurrent protection (flag is BUCK1_OC bit). BUCK1 is therefore switched off except if
MASK_BUCK1_OC_POWER_OFF is set.
•
Overcurrent detection generates an IRQ except if MASK_BUCK1_OC_IRQ is set.
•
BUCK1 feedback (FB1) pin disconnection, flag is BUCK1_UV and the BUCK1 is switched off.
•
FB1 pin disconnection generates an IRQ except if MASK_BUCK1_IRQ is set.
•
Overtemperature detection by central thermal sensor (flag is TSD_CL0, see also the
Section 4.7: Temperature monitoring) and device is executed power down sequence.
In active and REC-1 states, when BUCK1_REGFAIL_GO_REC is set at 1 in USER-NVM, in case of PG timeout,
OV, UV, INT_FAIL, OC, FBLOSS, or TSD events the device executes a power down sequence, enters in REC-2
state and makes an automatic retry. PG_TIMEOUT, OV, UV, OC, INT_FAIL, FBLOSS or TSD flags are not
blocking to re-enable the BUCK1 after a fail event.
According to a suitably configured output voltage, it can be also used to supply other BUCKs. It is not
recommended to use MASK_BUCK1_OC_POWER_OFF and MASK_BUCK1_UV_POWER_OFF in the same
time.
3.3.2
BUCK2 converter
The BUCK2 converter is the same as the BUCK1.
The BUCK2 regulator is a synchronous converter compatible to battery level, with integrated power mos. Stability
compensation network is external.
Output voltages are programmable via USER-NVM through the bit BUCK2_PU_VALUE.
The switching frequency can be selected either at 400 kHz or 2.4 MHz, by USER-NVM BUCK2_FREQ. To limit
emission in audio bandwidth, refresh frequency can be forced at 25 kHz by USER-NVM bit
BUCK2_REFRESH_FREQ set low (1 kHz when high). The draw back will be an extra consumption in low power
mode.
The spread spectrum feature is configurable by SPI bit BUCK2_SPREAD_ENA (disabled by default).
BUCK2 integrates a low power mode (automatically set by LOW_POWER_SET by SPI) that optimizes its
efficiency in active low power mode. (BUCK2 can be optionally enabled in active low power mode).
SPSB100
Functional description
DS14640 - Rev 2
page 18/213



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com