Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPSB100 Datasheet(PDF) 23 Page - STMicroelectronics

Part # SPSB100
Description  Automotive power management IC for highly integrated processors
PDF  213 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPSB100 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button SPSB100 Datasheet HTML 19Page - STMicroelectronics SPSB100 Datasheet HTML 20Page - STMicroelectronics SPSB100 Datasheet HTML 21Page - STMicroelectronics SPSB100 Datasheet HTML 22Page - STMicroelectronics SPSB100 Datasheet HTML 23Page - STMicroelectronics SPSB100 Datasheet HTML 24Page - STMicroelectronics SPSB100 Datasheet HTML 25Page - STMicroelectronics SPSB100 Datasheet HTML 26Page - STMicroelectronics SPSB100 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 213 page
background image
3.6.1
State machine without fault transitions
Figure 12. State machine without fault transitions
SPI
cmd
“DO_POWER_CYCLE
” @
previous
state
Power
OFF
START -UP
state
Execute
Power-Up
sequence
Finished OK
any
STATE
DEEP-SLEEP
state
INIT
state
SPSB100
unpowered
Wake-up event
REC-1
state
SPI cmd “DO_POWER_CYCLE”
Execute
Power-Down
sequence
REC-2
state
Execute
Power-Down
sequence
SPI cmd “DO_POWER_DOWN”
SPI cmd “DO_POWER_CYCLE”
SPI cmd “DO_POWER_DOWN”
(WD LOW trigger OK*) & (all flag cleared)
ACTIVE
state
WD trigger OK*
LOW-POWER
mode
FULL-POWER
mode
SPI cmd
SPI cmd
WD trigger OK*
START -SM
POR OK
V
VS
> V
PORVS_R
VVS < VPORVS_F
VFBB_OK_R < VFBB < VFBB_OV
* when LOW_SET = 1111, watchdog service is disabled
Until the voltage on VS pin reaches VPORVS_R for the first time the device is in POWER-OFF state, after that the
device transits to START-UP state where internal power supplies are established. Then core logic reset is
released and START-SM state is reached where oscillators start and NVM is read and checked.
Refer to the Section 3.8: User's NVM modification procedure for details of USER-NVM space programming.
After startup completion the device reaches INIT state where digital BIST is run, and when the FBB voltage
reaches VFBB_OK_R the device executes a power-up sequence which turns ON all regulators as per application
requirements stored in USER-NVM space. The sequence includes the NRST pin deassertion to high level and at
the same time the start of watchdog long open window. See the power-up sequence description in the
Section 3.7.1: Power-up sequence for details. After the power-up sequence the device enters in RECOVERY-1
state: SPSB100 is waiting that MCU boots up and trigs the watchdog, except if LOW_SET[3:0] = 1111, before
expiration of watchdog long open window timeout. After the valid trig of the watchdog during its long open window
timeout the device reaches ACTIVE state in FULL-POWER mode. In an active state the device is fully controllable
by SPI: the MCU can configure SPSB100 features as per application needs to optimize ECU performances and
global power consumption. In particular some regulators can be switched OFF by SPI and SPSB100 can be set in
LOW-POWER mode to reduce ECU power consumption while delivering the strict minimum power supply and
supervision to the MCU. Later the MCU can reconfigure the SPSB100 in FULL-POWER mode by SPI.
In active state, the MCU can also request a power cycle to SPSB100: a power-down sequence is then executed,
followed by digital BIST in INIT state before executing a power-up sequence. In an ACTIVE state, the MCU can
also request a power down to SPSB100: a power-down sequence is then executed and DEEP-SLEEP state is
reached. It is left upon a wake-up event. Wake-up events sensitivity shall be programmable by SPI in ACTIVE
state and includes cyclic sensing of WU pin with cyclic powering of OUT_HS, edge and level detection on IGN
wake-up frame detection.
3.6.2
State machine focusing on fault transitions
3.6.2.1
NVM faults management
The NVM faults management are explained in the Section 3.8.1: Starts-up with valid NVM data and NVM faults
management.
SPSB100
Functional description
DS14640 - Rev 2
page 23/213



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com