Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPSB100 Datasheet(PDF) 12 Page - STMicroelectronics

Part # SPSB100
Description  Automotive power management IC for highly integrated processors
PDF  213 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPSB100 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button SPSB100 Datasheet HTML 8Page - STMicroelectronics SPSB100 Datasheet HTML 9Page - STMicroelectronics SPSB100 Datasheet HTML 10Page - STMicroelectronics SPSB100 Datasheet HTML 11Page - STMicroelectronics SPSB100 Datasheet HTML 12Page - STMicroelectronics SPSB100 Datasheet HTML 13Page - STMicroelectronics SPSB100 Datasheet HTML 14Page - STMicroelectronics SPSB100 Datasheet HTML 15Page - STMicroelectronics SPSB100 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 213 page
background image
3
Functional description
3.1
Supply configurations
The battery supplies the boost controller. FBB, the boost output, supplies internal regulated voltages of analog
and digital blocks, the wake-up blocks, OUT_HS output and fail-safe block. BUCK1, BUCK2 and BUCK3 have
independent supply pins to allow different supply configurations according to the applications. Here we describe
the two main configurations where it is required to provide direct or indirect supply to the microcontroller core.
3.1.1
System supply configuration 1
Figure 5. Configuration 1: direct supply of the microcontroller core
SR6G7
BUCK1
BUCK3
LDO1
5 V
0.98V
3.3V
SPI
SPSB100B
VIO
SPI Communication
BUCK2
5.0V
LDO2
VDD_HV +VDD_HV_IO + VDD_HV_LP
Battery
5.0V
Ext.
LP
domain
standby
NVM
CORE
SPI
VDD_LV
BOOST
I/O
Ext. load
VDD_HV_NVM
ADC
VDD_HV_ADR
VDD_HV_ADV
Filter
In this configuration BUCK3 is supplied by BUCK1 and is configured to provide a 0.98 V high current supply to the
micro core. BUCK1 and BUCK2 are supplied by the boost and supply respectively the 3.3 V and the 5 V rails with
a switching frequency of 400 kHz. Boost supplies always LDO1 and LDO2, both providing 5 V for external loads.
The power-up and power-down sequence associated to such supply configuration are the following:
Power-up sequence
1. Turn ON BUCK1 at 3.3 V, wait PG (BUCK1_PG_OK flag);
2. Turn ON BUCK3 at 0.98 V, wait PG (BUCK3_PG_OK flag);
3. Turn ON BUCK2 at 5 V, wait PG (BUCK2_PG_OK flag);
4. Turn ON LDO2 in tracker of buck 2, wait PG (LDO2_PG_OK flag);
5. Turn ON LDO1, wait PG (LDO1_PG_OK flag).
6. Deassert NRST, wait 0 ms
Power-down sequence
1. Assert NRST, wait 2 ms;
2. Turn OFF LDO2 and LDO1, wait 2 ms;
3. Turn OFF BUCK3, wait 2 ms;
4. Turn OFF BUCK1 and BUCK2, wait 2 ms;
5. Turn OFF VREG after 10 ms.
SPSB100
Functional description
DS14640 - Rev 2
page 12/213



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com