Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPSB100 Datasheet(PDF) 80 Page - STMicroelectronics

Part # SPSB100
Description  Automotive power management IC for highly integrated processors
PDF  213 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPSB100 Datasheet(HTML) 80 Page - STMicroelectronics

Back Button SPSB100 Datasheet HTML 76Page - STMicroelectronics SPSB100 Datasheet HTML 77Page - STMicroelectronics SPSB100 Datasheet HTML 78Page - STMicroelectronics SPSB100 Datasheet HTML 79Page - STMicroelectronics SPSB100 Datasheet HTML 80Page - STMicroelectronics SPSB100 Datasheet HTML 81Page - STMicroelectronics SPSB100 Datasheet HTML 82Page - STMicroelectronics SPSB100 Datasheet HTML 83Page - STMicroelectronics SPSB100 Datasheet HTML 84Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 213 page
background image
Symbol
Parameter
Condition
Min
Typ
Max
Unit
RDSON_LS_buck2_LP_130 LS switch ON resistance at 0.1 A
VIN12 = 14 V
Tj = 130 °C
-
-
0.4
Ω
1. Guaranteed by bench measurements. Performances verified in applicative conditions. Tested in static load conditions (Iload
= 150 mA at 400 kHz and 2.4 MHz).
2. Digital implementation is guaranteed by scan test.
3. Guaranteed by design.
Below are the efficiency curves for BUCK1 and BUCK2:
Figure 41. Vout = 6.5 V and VIN12 = 10 V at 400 kHz
60%
65%
70%
75%
80%
85%
90%
95%
100%
0.00
0.50
1.00
1.50
2.00
2.50
3.00
3.50
Figure 42. Vout = 5.0 V and VIN12 = 10 V at 400 kHz
60%
65%
70%
75%
80%
85%
90%
95%
100%
0.00
0.50
1.00
1.50
2.00
2.50
3.00
3.50
SPSB100
Electrical characteristics
DS14640 - Rev 2
page 80/213



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com