Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPSB100 Datasheet(PDF) 77 Page - STMicroelectronics

Part # SPSB100
Description  Automotive power management IC for highly integrated processors
PDF  213 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPSB100 Datasheet(HTML) 77 Page - STMicroelectronics

Back Button SPSB100 Datasheet HTML 73Page - STMicroelectronics SPSB100 Datasheet HTML 74Page - STMicroelectronics SPSB100 Datasheet HTML 75Page - STMicroelectronics SPSB100 Datasheet HTML 76Page - STMicroelectronics SPSB100 Datasheet HTML 77Page - STMicroelectronics SPSB100 Datasheet HTML 78Page - STMicroelectronics SPSB100 Datasheet HTML 79Page - STMicroelectronics SPSB100 Datasheet HTML 80Page - STMicroelectronics SPSB100 Datasheet HTML 81Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 213 page
background image
Symbol
Parameter
Condition
Min
Typ
Max
Unit
Ripple included
VIN12 = 8.5 V to 16 V
Iload = 50 μA to IBuck1_LP
Vbuck1_LP_01
Output voltage in low power mode
BUCK1_PU_VALUE = 01
Line/load transients not included
Ripple included
VIN12 = 8.5 V to 16 V
Iload = 50 μA to IBuck1_LP
4.75
5
5.25
V
Vbuck1_LP_1X
Output voltage in low power mode
BUCK1_PU_VALUE = 1x
Line/load transients not included
Ripple included
VIN12 = 8.5 V to 16 V
Iload = 50 μA to IBuck1_LP
6.22
6.5
6.78
V
Isw_limit_buck1_LP
Peak current limit in LP mode
750
1000 1250
mA
Vout_UV_buck1_LP_33
Output undervoltage threshold
monitor in LP mode
Vout = 3.3 V
2.8
2.9
3.05
V
Vout_UV_buck1_LP_5
Output undervoltage threshold
monitor in LP mode
Vout = 5 V
4.15
4.35
4.65
V
Vout_UV_buck1_LP_65
Output undervoltage threshold
monitor in LP mode
Vout = 6.5 V
5.45
5.65
5.85
V
Vout_OV_ buck1_LP_33
Output overvoltage threshold
monitor in LP mode
Vout = 3.3 V
3.55
3.7
3.8
V
Vout_OV_buck1_LP_5
Output overvoltage threshold
monitor in LP mode
Vout = 5 V
5.4
5.65
5.85
V
Vout_OV_buck1_LP_65
Output overvoltage threshold
monitor in LP mode
Vout = 6.5 V
6.9
7.2
7.5
V
RDSON_HS_buck1_LP_25 HS switch ON resistance at 0.1 A
VIN12 = 14 V
Tj = 25 °C
-
0.72
0.9
Ω
RDSON_HS_buck1_LP_130 HS switch ON resistance at 0.1 A
VIN12 = 14 V
Tj = 130 °C
-
-
1.3
Ω
RDSON_LS_buck1_LP_25 LS switch ON resistance at 0.1 A
VIN12 = 14 V
Tj = 25 °C
-
0.2
0.3
Ω
RDSON_LS_buck1_LP_130 LS switch ON resistance at 0.1 A
VIN12 = 14 V
Tj = 130 °C
-
-
0.4
Ω
1. Guaranteed by bench measurements. Performances verified in applicative conditions. Tested in static load conditions (Iload
= 150 mA at 400 kHz and 2.4 MHz).
2. Digital implementation is guaranteed by scan test.
3. Guaranteed by design.
7.9
BUCK2 converter
The voltages are referred to GND and currents are assumed positive, when the current flows into the pin.
8.5 V ≤ VIN12 ≤ 29 V, Tj = -40 °C to 150 °C, unless otherwise specified.
BUCK2 shares the same input as BUCK1.
Table 30. BUCK2 converter
Symbol
Parameter
Condition
Min
Typ
Max
Unit
VIN12_H
Input voltage range
Vout_buck2 = 6.5 V
9.2
14
29
V
VIN12_M
Input voltage range
Vout_buck2 = 5 V
7.7
14
29
V
SPSB100
Electrical characteristics
DS14640 - Rev 2
page 77/213



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com