Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPSB100 Datasheet(PDF) 97 Page - STMicroelectronics

Part # SPSB100
Description  Automotive power management IC for highly integrated processors
PDF  213 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPSB100 Datasheet(HTML) 97 Page - STMicroelectronics

Back Button SPSB100 Datasheet HTML 93Page - STMicroelectronics SPSB100 Datasheet HTML 94Page - STMicroelectronics SPSB100 Datasheet HTML 95Page - STMicroelectronics SPSB100 Datasheet HTML 96Page - STMicroelectronics SPSB100 Datasheet HTML 97Page - STMicroelectronics SPSB100 Datasheet HTML 98Page - STMicroelectronics SPSB100 Datasheet HTML 99Page - STMicroelectronics SPSB100 Datasheet HTML 100Page - STMicroelectronics SPSB100 Datasheet HTML 101Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 213 page
background image
1. Digital implementation is guaranteed by scan test.
7.15
SPI
The voltages are referred to GND and currents are assumed positive, when the current flows into the pin.
3 V ≤ VIO ≤ 5.4 V, Tj = -40 °C to 150 °C, unless otherwise specified.
Table 36. Input: CSN
Symbol
Parameter
Condition
Min
Typ
Max
Unit
VCSN_L
Input voltage low threshold
1.0
-
-
V
VCSN_H
Input voltage high threshold
-
-
2.3
V
VCSN_HYS
VCSN_H - VCSN_L
0.2
0.4
-
V
RCSN_PU
CSN pull-up resistor
V(1) = 1.0 V
13
29
55
kΩ
CCSN(1)
0 V < V(1) < 5.3 V
-
10
15
pF
1. The value of input capacity is not measured in production test. Parameter guaranteed by design.
Table 37. Inputs: CLK, SDI
Symbol
Parameter
Condition
Min
Typ
Max
Unit
VCLK_L
CLK input low threshold
1.0
-
-
V
VSDI_L
SDI input low threshold
1.0
-
-
V
VCLK_H
CLK input high threshold
-
-
2.3
V
VSDI_H
SDI input high threshold
-
-
2.3
V
VCLK_HYS
CLK input hysteresis
0.2
-
-
V
VSDI_HYS
SDI input hysteresis
0.2
-
-
V
ICLK
CLK pull-down current at input
VCLK = 1.0 V
5
20
60
µA
ISDI
SDI pull-down current at input
VSDI = 1.0 V
5
20
60
µA
Cin(1)
Input capacitance at input CLK, and SDI
0 V < VCLK,SDI < 5.3 V
-
10
15
pF
fCLK
SPI input frequency at CLK
-
-
6
MHz
1. The value of input capacity is not measured in production test. Parameter guaranteed by design.
Table 38. SDI, CLK and CSN timing
Symbol
Parameter
Condition
Min
Typ Max Unit
tCLK
Clock period
166
-
-
ns
tCLK_H
Clock high time
58
-
-
ns
tCLK_L
Clock low time
58
-
-
ns
tset_CSN
CSN setup time, CSN low before rising edge of CLK in active full power
mode
150
-
-
ns
tset_CSN_LP
CSN setup time, CSN low before rising edge of CLK in active low power
mode
10000
-
-
ns
tset_CLK
CLK setup time, CLK high before rising edge of CSN
150
-
-
ns
tset_SDI
SDI setup time
25
-
-
ns
thold_SDI
SDI hold time
25
-
-
ns
tr_in(1)
Rise time of input signal SDI, CLK, CSN
-
25
ns
SPSB100
Electrical characteristics
DS14640 - Rev 2
page 97/213



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com