Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPSB100 Datasheet(PDF) 72 Page - STMicroelectronics

Part # SPSB100
Description  Automotive power management IC for highly integrated processors
PDF  213 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPSB100 Datasheet(HTML) 72 Page - STMicroelectronics

Back Button SPSB100 Datasheet HTML 68Page - STMicroelectronics SPSB100 Datasheet HTML 69Page - STMicroelectronics SPSB100 Datasheet HTML 70Page - STMicroelectronics SPSB100 Datasheet HTML 71Page - STMicroelectronics SPSB100 Datasheet HTML 72Page - STMicroelectronics SPSB100 Datasheet HTML 73Page - STMicroelectronics SPSB100 Datasheet HTML 74Page - STMicroelectronics SPSB100 Datasheet HTML 75Page - STMicroelectronics SPSB100 Datasheet HTML 76Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 213 page
background image
7.6
LDO2 voltage regulator
The voltages are referred to GND and currents are assumed positive, when the current flows into the pin.
6 V ≤ VFBB ≤ 29 V, Tj = -40 °C to 150 °C, unless otherwise specified.
The same parameter values in both 5 V and 3.3 V conditions applies unless otherwise specified.
Table 27. LDO2
Symbol
Parameter
Condition
Min
Typ
Max
Unit
VLDO2_5
Output voltage
VS ≥ 6.0 V
4.9
5.0
5.15
V
VLDO2_33
Output voltage
VS ≥ 6.0 V
3.23
3.3
3.399
V
VLDO2_ACC_25(1)
Output voltage tracking accuracy
ILOAD = 100 μA to 5 mA
VFBB = 8 V to 18 V
Tj = 25 °C
-10
-
10
mV
VLDO2_ACC_130
Output voltage tracking accuracy
ILOAD = 100 μA to 5 mA
VFBB = 8 V to 18 V
Tj = 130 °C
-20
-
20
mV
VLDO2_OV
Overvoltage threshold for LDO2
105
108.5
112
%
tLDO2_OV(2)
LDO2 overvoltage filter time
12
15
22
μs
VLDO2_PG
Power-good voltage threshold for LDO2
91.5
95
98.5
%
VLDO2_UV
Undervoltage threshold for LDO2
88
91.5
95
%
tLDOLDO2_UV(2)
LDO2 undervoltage filter time
12
15
22
μs
tLDO2_PG_TO(2)
LDO2 timeout for power-good
4.8
6
7.5
ms
VLDO2_DP
Drop-out voltage
ILOAD = 10 mA
-
0.5
1.0
V
ILDO2_CCmax
Short circuit output current (to GND)
Current limitation
15
30
45
mA
CLDO2(3)
Load capacitor1
Ceramic (± 20%)
1
-
10
µF
1. Guarantee by design.
2. Digital implementation is guaranteed by scan test.
3. Nominal capacitor value required for stability of the regulator. Tested with 1 µF ceramic (±20%). The capacitor must be
located close to the regulator output pin. A 2.2 μF capacitor value is recommended to minimize the DPI (Direct power
injection) stress in the application.
7.7
Boost controller
The voltages are referred to GND and currents are assumed positive, when the current flows into the pin.
3 V ≤ VS ≤ 29 V, Tj = -40 °C to 150 °C, unless otherwise specified.
Table 28. Boost controller
Symbol
Parameter
Condition
Min
Typ
Max Unit
VFBB_UV_R
BOOST rising enable threshold
Input voltage required on initial start-up
to enable the boost
5.0
5.25
5.5
V
VFBB_UV_F
BOOST falling disable threshold Power down threshold
4.65
4.9
5.15
V
VFBB_UV_HYS
Boost enable hysteresis
0.2
0.35
0.5
V
TF_FBB_UV(1)
digital filter time on FBB POR
12
15
22
µs
VFBB_REG1
VFBB regulation threshold
If BUCK1 and BUCK2 voltage settings
are = 3.3 V
7.7
8.0
8.3
V
SPSB100
Electrical characteristics
DS14640 - Rev 2
page 72/213



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com