Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPSB100 Datasheet(PDF) 17 Page - STMicroelectronics

Part # SPSB100
Description  Automotive power management IC for highly integrated processors
PDF  213 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPSB100 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button SPSB100 Datasheet HTML 13Page - STMicroelectronics SPSB100 Datasheet HTML 14Page - STMicroelectronics SPSB100 Datasheet HTML 15Page - STMicroelectronics SPSB100 Datasheet HTML 16Page - STMicroelectronics SPSB100 Datasheet HTML 17Page - STMicroelectronics SPSB100 Datasheet HTML 18Page - STMicroelectronics SPSB100 Datasheet HTML 19Page - STMicroelectronics SPSB100 Datasheet HTML 20Page - STMicroelectronics SPSB100 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 213 page
background image
Figure 11. Behavior on battery over voltage
VS
VFBB
# 0.15V
BOOST enable
IRQ
ACTIVE or REC-1 or REC-2 or INIT
state
VFBB_OV_EW
13.5V
IRQ flags :
EW = Early warning
VFBB_OV # 29V
VFBB_OV_EW programmable
from ~24V to 38V
executes
Power-Up
sequence
REC-1
Trig WD
ACTIVE
Safety
checks
REC-2  INIT
BYPASS enable
FBB overvoltage lockout
executes Power-Down sequence
40V
Always ON
(1)
(1) Digital comparator in ACTIVE – Full-Power & REC -1, programmable threshold.
Always OFF
3.3
BUCK converters
3.3.1
BUCK1 converter
The BUCK1 regulator is a synchronous converter compatible to battery level, with integrated power mos. Stability
compensation network is external.
Output voltages are programmable via USER-NVM through the bit BUCK1_PU_VALUE.
The switching frequency can be selected either at 400 kHz or 2.4 MHz, by USER-NVM BUCK1_FREQ. To limit
emission in audio bandwidth, refresh frequency can be forced at 25 kHz by USER-NVM bit
BUCK1_REFRESH_FREQ set low (1 kHz when high). The draw back will be an extra consumption in low power
mode.
The spread spectrum feature is configurable by SPI bit BUCK1_SPREAD_ENA (disabled by default).
BUCK1 integrates a low power mode (automatically set by LOW_POWER_SET by SPI) that optimizes its
efficiency in active low power mode. (BUCK1 is a mandatory regulator in active low power mode).
BUCK1 can be disabled by the SPI bit VBUCK1_ENA (only after SPI_PROTECT_ACCESS has been set). In
active low power mode, the action of enable BUCK1 is not allowed.
The live bit VBUCK1_ENA_STATUS reflects the state of BUCK1 output.
Note:
After first power up is needed to align the live bit associated in DSR18 (VBUCK1_ENA_STATUS) with the
current value associated in DCR1.
In active full power, the BUCK1 converter provides the following diagnostics:
•
UV detection to monitor the output voltage (flag is BUCK1_UV). BUCK1 is therefore switched off after
timing tbuck1_UV_TO except if SPI bit MASK_BUCK1_UV_POWER_OFF is set.
•
Undervoltage detection generates an IRQ except if MASK_BUCK1_IRQ is set.
•
OV detection to monitor the output voltage (flag is BUCK1_OV bit) BUCK1 is therefore switched off after
timing tbuck1_OV_TO. Status register bit BUCK1_OV must be read and cleared before switching ON the
regulator by SPI bit VBUCK1_ENA to allow a proper start-up (only when BUCK1 is not critical for MCU).
•
Overvoltage detection generates an IRQ except if MASK_BUCK1_IRQ is set.
SPSB100
Functional description
DS14640 - Rev 2
page 17/213



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com