Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPSB100 Datasheet(PDF) 20 Page - STMicroelectronics

Part # SPSB100
Description  Automotive power management IC for highly integrated processors
PDF  213 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPSB100 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button SPSB100 Datasheet HTML 16Page - STMicroelectronics SPSB100 Datasheet HTML 17Page - STMicroelectronics SPSB100 Datasheet HTML 18Page - STMicroelectronics SPSB100 Datasheet HTML 19Page - STMicroelectronics SPSB100 Datasheet HTML 20Page - STMicroelectronics SPSB100 Datasheet HTML 21Page - STMicroelectronics SPSB100 Datasheet HTML 22Page - STMicroelectronics SPSB100 Datasheet HTML 23Page - STMicroelectronics SPSB100 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 213 page
background image
The BUCK3 converter is similar to BUCK1 but with double current capability. Moreover, if the output voltage is
configured at 0.98 V, a further SPI fine-tuning in steps of 10 mV is available (BUCK3_FTUNE[2..0] control bits),
covering the range between 0.95 V and 1.01 V.
Output voltages are programmable via USER-NVM through the bit BUCK3_PU_VALUE.
The spread spectrum feature is configurable by SPI bit BUCK3_SPREAD_ENA (disabled by default).
To limit emission in audio bandwidth, refresh frequency can be forced at 25 kHz by USER-NVM bit
BUCK3_REFRESH_FREQ set low (1 kHz when high).
BUCK3 can be disabled by the SPI bit VBUCK3_ENA. (only after SPI_PROTECT_ACCESS has been set.
BUCK3 must be disabled before entering in active low power mode and must not be enabled in this mode).
The live bit VBUCK3_ENA_STATUS reflects the state of BUCK3 output.
Note:
After the first power up is needed to align the live bit associated in DSR18 (VBUCK3_ENA_STATUS) with the
current value associated in DCR1.
The BUCK3 converter provides the following diagnostics:
•
UV detection to monitor the output voltage (flag is BUCK3_UV). BUCK3 is therefore switched off after
tbuck3_UV_TO except if SPI bit MASK_BUCK3_UV_POWER_OFF is set.
•
Undervoltage detection generates an IRQ except if MASK_BUCK3_IRQ is set.
•
OV detection to monitor the output voltage (flag is BUCK3_OV bit) BUCK3 is therefore switched off after
tbuck3_OV_TO. It must be read and cleared before switching ON the regulator by SPI bit VBUCK3_ENA to
allow a proper start-up (only when BUCK3 is not critical for MCU).
•
Overvoltage detection generates an IRQ except if MASK_BUCK3_IRQ is set.
•
Power-good used to signal BUCK power on success (flag is BUCK3_PG_OK bit and IRQ is generated
except if MASK_BUCK3_PG_IRQ is set):
–
If not, after TBUCK3_PG_TO timing, BUCK3 is switched off and flag BUCK3_PG_TIMEOUT is set.
•
Not successful power-good detection generates an IRQ except if MASK_BUCK3_PG_TIMEOUT_IRQ is
set.
•
Configurable overcurrent protection voltage (flag is BUCK3_OC bit). BUCK3 is therefore switched off after
tbuck3_OC_TO except if MASK_BUCK3_OC_POWER_OFF is set.
•
Overcurrent detection generates an IRQ except if MASK_BUCK3_OC_IRQ is set.
•
Warning temperature detection by a local thermal sensor (flag is TW_CL3).
•
Warning temperature detection generates an IRQ except if MASK_CL3_TW_IRQ is set.
•
Overtemperature detection by local thermal sensor (flag is TSD_CL3, see also the
Section 4.7: Temperature monitoring) and BUCK3 is switched off.
•
BUCK3 internal regulators detection, flag is BUCK3_INT_FAIL and the BUCK3 is switched off.
•
Internal fail generates an IRQ except if MASK_BUCK3_IRQ is set.
•
After a fault detection (UV, OV,OC, INT_FAIL, TSD_CL3 or PG timeout), BUCK3 can be re
‑enabled by
setting BUCK3_ENA = 0 followed by BUCK3_ENA = 1.
In active and REC-1 states, when BUCK3_REGFAIL_GO_REC is set at 1 in USER-NVM, in case of PG timeout,
OV, UV, OC, INT_FAIL or TSD events the device executes a power down sequence, enters in REC-2 state and
makes an automatic retry. PG_TIMEOUT, OV, UV, OC, INT_FAIL or TSD flags are not blocking to re-enable the
BUCK3 after a fail event.
It is not recommended to use MASK_BUCK3_OC_POWER_OFF and MASK_BUCK3_UV_POWER_OFF in the
same time.
3.4
Linear voltage regulators
3.4.1
LDO1
The LDO1 is dedicated to supply external loads. It is supplied by FBB pin. LDO1 has a 5 V output and 120 mA
current capability.
It can be enabled/disabled through the LDO1_ENA control bit (only after SPI_PROTECT_ACCESS has been set).
The voltage regulator is protected against undervoltage (flag is LDO1_UV) and LDO1 is switched off.
The undervoltage detection generates an IRQ except if it is masked with MASK_LDO1_IRQ the live bit
LDO1_ENA_STATUS reflects the state of LDO1 output.
SPSB100
Functional description
DS14640 - Rev 2
page 20/213



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com