Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPSB100 Datasheet(PDF) 11 Page - STMicroelectronics

Part # SPSB100
Description  Automotive power management IC for highly integrated processors
PDF  213 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPSB100 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button SPSB100 Datasheet HTML 7Page - STMicroelectronics SPSB100 Datasheet HTML 8Page - STMicroelectronics SPSB100 Datasheet HTML 9Page - STMicroelectronics SPSB100 Datasheet HTML 10Page - STMicroelectronics SPSB100 Datasheet HTML 11Page - STMicroelectronics SPSB100 Datasheet HTML 12Page - STMicroelectronics SPSB100 Datasheet HTML 13Page - STMicroelectronics SPSB100 Datasheet HTML 14Page - STMicroelectronics SPSB100 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 213 page
background image
•
BUCK2 (5.0 V): charged with 1 A (DC activation) at 2.4 MHz
•
BUCK3 (0.98 V): charged with 2 A (DC activation) at 2.4 MHz
Note:
1. BUCK3 load current is already considered in the power dissipation calculation, so 1 A is referred to BUCK1
external loads current.
2. Selecting the switching frequency at 2.4 MHz for BUCK1 and BUCK2 will lower the regulators efficiency and
this extra power to be dissipated can generate a faster thermal shut-down. In case the application requires a
high DC current load, it is strongly suggested using the switching frequency at 400 kHz for BUCK1 and
BUCK2.
The following curves show the relationship between max power dissipation vs ambient temperature:
Figure 4. Max power dissipation vs ambient temperature for case "A" and case "B"
0.000
0.500
1.000
1.500
2.000
2.500
3.000
3.500
4.000
4.500
5.000
-50
-25
0
25
50
75
100
125
150
175
200
Tamb. [°C]
Pwr_A [W]
Pwr_B [W]
SPSB100
Maximum ratings
DS14640 - Rev 2
page 11/213



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com