Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPSB100 Datasheet(PDF) 31 Page - STMicroelectronics

Part # SPSB100
Description  Automotive power management IC for highly integrated processors
PDF  213 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPSB100 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button SPSB100 Datasheet HTML 27Page - STMicroelectronics SPSB100 Datasheet HTML 28Page - STMicroelectronics SPSB100 Datasheet HTML 29Page - STMicroelectronics SPSB100 Datasheet HTML 30Page - STMicroelectronics SPSB100 Datasheet HTML 31Page - STMicroelectronics SPSB100 Datasheet HTML 32Page - STMicroelectronics SPSB100 Datasheet HTML 33Page - STMicroelectronics SPSB100 Datasheet HTML 34Page - STMicroelectronics SPSB100 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 213 page
background image
3.6.3
States and transitions description
The following figure shows the entire state machine.
Figure 21. State machine
ACTIVE state
WD trigger OK*
LOW-POWER
mode
FULL-POWER
mode
SPI cmd
SPI cmd
WD trigger OK*
Power
OFF
START -UP
state
Execute
Power-Up
sequence
Finished OK
any
STATE
DEEP-SLEEP
state
INIT
state
Digital Reset
Safety checks NOK
OK
NOK
Execute
Power-Down
sequence
PG_TimeOut reached
OR REGfail & GoREC=1
(retry ≤ 3)
OR (for_ever = 1) ?
Y
N
Retry loop
PM100
unpowered
Wake-up
event
(WD trigger fail)*
OR FCCU fail
REC-1
state
Wake-up
event
NRESET asserted 4ms
for WD fail or 6ms for
FCCU fail, then WD
restarted in L.O.W.*
NFSO &
NRESET
asserted,
FCCU
disabled
Execute Power -
Up sequence
(NRESET not
deasserted)
SPI cmd “DO_POWER_CYCLE”
OR CENTRAL_TSD
OR REG fail & GoREC=1
OR VFBB ≤ VFBB_UV_F
OR VFBB ≥ VFBB_OV
Execute
Power-Down
sequence
Finished OK
REC-2
state
Wake-up event
OR TSDC event & not T ° cooled down
TSD event & cnt ≥ 3
Execute
Power-Down
sequence
SPI cmd “DO_POWER_DOWN”
OR CENTRAL_GNDLOST
OR WD trigger fail & cnt ≥ 15
SPI cmd “DO_POWER_CYCLE”
OR CENTRAL_TSD
OR REG fail & GoREC=1
OR (WD trigger fail)* & cnt = 8
OR VFBB ≤ VFBB_UV_F
OR VFBB ≥ VFBB_OV
SPI cmd “DO_POWER_DOWN”
OR CENTRAL_GNDLOST
NFSO asserted
Set SPI error flag
AND sends IRQ
AND if unmasked then turns OFF
failing reg. with active discharge
REG fail
& GoREC=0
Back to
previous state
(WD LOW trigger OK)*
AND error cleared
NFSO asserted
NFSO asserted
START -SM
Retry loop
SPI cmd “DO_POWER_CYCLE” @ previous state
OR VFBB ≤ VFBB_UV_F OR VFBB ≥ VFBB_OV
OR TSD event & T ° cooled down & cnt < 3
OR REG fail & GoREC=1 (except TSD)
OR (WD failed)* @ REC -1 & cnt = 8
PG_TimeOut reached
OR REGfail & GoREC=1
V
VS
> V
PORVS_R
VVS < VPORVS_F
Safety checks OK
AND VFBB_OK_R < VFBB < VFBB_OV
AND VVREG_UV < VVREG < VVREG_OV
* when LOW_SET = 1111, watchdog service is disabled
(WD trigger fail)* & cnt !=8,15
OR (FCCU enabled & fail)
SPSB100 states can be read by status register bits DEV_STATE.
3.6.3.1
Power-OFF state
Power-OFF state is the default state when SPSB100 is not powered.
This state is entered unconditionally when VS pin voltage drops below VPORVS_F.
3.6.3.2
START-UP state
START-UP state is entered from Power-OFF state when VS pin voltage reaches VPORVS_R.
In this state internal power supplies are established, and the digital core reset is released.
SPSB100 transits to START-SM state.
3.6.3.3
START-SM state
START-SM state is entered after the START-UP completion when the digital core reset is released.
In this state oscillators start and the main state machine is executed. It is possible to enter in USER-NVM
programming mode, refers to the Section 3.8: User's NVM modification procedure for details.
When USER-NVM programming mode is not entered, SPSB100 transits automatically from START-SM to INIT
state.
3.6.3.4
INIT state
The INIT state is entered:
•
After completion of START-SM state and NVM is loaded without error.
•
From a DEEP-SLEEP state upon a wake-up event.
SPSB100
Functional description
DS14640 - Rev 2
page 31/213



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com