Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPSB100 Datasheet(PDF) 26 Page - STMicroelectronics

Part # SPSB100
Description  Automotive power management IC for highly integrated processors
PDF  213 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPSB100 Datasheet(HTML) 26 Page - STMicroelectronics

Back Button SPSB100 Datasheet HTML 22Page - STMicroelectronics SPSB100 Datasheet HTML 23Page - STMicroelectronics SPSB100 Datasheet HTML 24Page - STMicroelectronics SPSB100 Datasheet HTML 25Page - STMicroelectronics SPSB100 Datasheet HTML 26Page - STMicroelectronics SPSB100 Datasheet HTML 27Page - STMicroelectronics SPSB100 Datasheet HTML 28Page - STMicroelectronics SPSB100 Datasheet HTML 29Page - STMicroelectronics SPSB100 Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 213 page
background image
Figure 15. State machine details on power-up fault (2)
DEEP-SLEEP
state
Wake-up
event
REC-1
state
Execute
Power-Up
sequence
Finished OK
INIT
state
Execute
Power-Down
sequence
(retry ≤ 3)
OR (for_ever = 1) ?
Y
N
Retry loop
NFSO asserted
Execute
Power-Up
sequence
but NRESET not
deasserted
ACTIVE
state
WD trigger OK*
LOW-POWER
mode
FULL-POWER
mode
SPI cmd
SPI cmd
WD trigger OK*
(WD trigger fail)*
OR FCCU fail
REC-1
state
PG_TimeOut reached
OR REGfail & GoREC=1
PG_TimeOut reached
OR REGfail & GoREC=1
NRESET asserted
4ms for WD fail or
6ms for FCCU fail,
then WD restarted
in L.O.W.*
NFSO &
NRESET
asserted,
FCCU
disabled
VFBB_OK_R < VFBB < VFBB_OV
* when LOW_SET = 1111, watchdog service is disabled
3.6.2.4
Central thermal sensor fault management
The central thermal sensor plays a major role in protecting the whole device. This sensor is monitoring the
temperature of the SPSB100 core. If SPSB100 core temperature exceeds the TSDC threshold a power-down is
run and SPSB100 reaches RECOVERY-2 state.
In RECOVERY-2 state all regulators are OFF, the TSD event counter TSD_CNT_FAIL is incremented. After the
temperature cooled down, if TSD_CNT_FAIL is less than 3 then SPSB100 transits to INIT state and initiates a
power-up sequence, if not then SPSB100 transits to DEEP-SLEEP state until a wake-up event and generates a
status register flag FORCED_SLEEP_TSD.
The TSD event counter, TSD_CNT_FAIL, is readable through SPI and can be cleared by CLR_TSD_CNT_FAIL
bit. This counter is incremented after a TSD event on any of the clusters.
SPSB100
Functional description
DS14640 - Rev 2
page 26/213



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com