Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPSB100 Datasheet(PDF) 70 Page - STMicroelectronics

Part # SPSB100
Description  Automotive power management IC for highly integrated processors
PDF  213 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPSB100 Datasheet(HTML) 70 Page - STMicroelectronics

Back Button SPSB100 Datasheet HTML 66Page - STMicroelectronics SPSB100 Datasheet HTML 67Page - STMicroelectronics SPSB100 Datasheet HTML 68Page - STMicroelectronics SPSB100 Datasheet HTML 69Page - STMicroelectronics SPSB100 Datasheet HTML 70Page - STMicroelectronics SPSB100 Datasheet HTML 71Page - STMicroelectronics SPSB100 Datasheet HTML 72Page - STMicroelectronics SPSB100 Datasheet HTML 73Page - STMicroelectronics SPSB100 Datasheet HTML 74Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 213 page
background image
Symbol
Parameter
Condition
Min
Typ
Max Unit
No load on regulator
BUCK1,2_freq = 400 kHz
IVS_LP1(1)
Current consumption in
active-low power mode
VS = 13.5 V
BUCK1 ON in LP BUCK1_REFRESH_FREQ = 1
BUCK2, 3 OFF
LDO1, 2 OFF
BUCK1 load = 5 mA
VOUT_BUCK1 = 3.3 V
BUCK1_freq = 400 kHz, IRQ and NFSO high
-
2
3.2
mA
IVS_LP2(1)
Current consumption in
active-low power mode
VS = 13.5 V
BUCK1 ON in LP BUCK1_REFRESH_FREQ = 1
BUCK2, 3 OFF
LDO1, 2 OFF
BUCK1 load = 50 µA
VOUT_BUCK1 = 3.3 V
WDC, OUT_HS, cyclic sense, cyclic wake up, no
SPI communication
BUCK2_freq = 400 kHz, IRQ and NFSO high
-
300
600
µA
IVS_DP(2)(3)
Current consumption in
DEEP-SLEEP mode
VS = 13.5 V
BUCK1, 2, 3 OFF
LDO1, 2 OFF
OUT_HS, cyclic sense, cyclic wake-up, NFSO high
Ta = 0 °C to 85 °C
-
20
40
µA
IVS_DP_T(2)(3)
Current consumption in
DEEP-SLEEP mode
VS = 13.5 V
BUCK1, 2, 3 OFF
LDO1, 2 OFF
OUT_HS, cyclic sense, cyclic wake-up, NFSO high
Full temperature range
-
-
55
µA
IQCW
Current consumption
adder for cyclic wake-up
VS = 13.5 V
In active-low power mode or DEEP-SLEEP state
-
60
90
µA
IQCS
Current consumption
adder for cyclic sense
VS = 13.5 V
In active-low power mode or DEEP-SLEEP state
Tperiod = 50 ms, tON = 100 µs
-
60
90
µA
IQOUT_HS(3)
Additional bias quiescent
current for switched ON
OUT_HS
VS = 13.5 V
In active-low power mode or DEEP-SLEEP state
No load
-
140
220
µA
IVS_BUCK2_LP(3)
Additional bias quiescent
current for BUCK2 in low
power mode
VS = 13.5 V
BUCK2 ON in LP BUCK2_REFRESH_FREQ = 1
Vout = 5 V
No load
-
90
400
µA
1. Guaranteed by bench measurements. Performances verified in applicative conditions.
2. Current consumption in DEEP-SLEEP mode is calculated as IVS_DP + wake-up current consumption contributions.
3. Guaranteed by design.
7.2
Power ground loss monitoring
Table 23. Power ground loss monitoring
Symbol
Parameter
Condition
Min
Typ
Max
Unit
VGnd_Loss_th
Ground Loss threshold
150
300
470
mV
tGnd_Loss_FILT(1)
Ground Loss filter time
12
15
22
µs
1. Digital implementation is guaranteed by scan test.
SPSB100
Electrical characteristics
DS14640 - Rev 2
page 70/213



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com