Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPSB100 Datasheet(PDF) 139 Page - STMicroelectronics

Part # SPSB100
Description  Automotive power management IC for highly integrated processors
PDF  213 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPSB100 Datasheet(HTML) 139 Page - STMicroelectronics

Back Button SPSB100 Datasheet HTML 135Page - STMicroelectronics SPSB100 Datasheet HTML 136Page - STMicroelectronics SPSB100 Datasheet HTML 137Page - STMicroelectronics SPSB100 Datasheet HTML 138Page - STMicroelectronics SPSB100 Datasheet HTML 139Page - STMicroelectronics SPSB100 Datasheet HTML 140Page - STMicroelectronics SPSB100 Datasheet HTML 141Page - STMicroelectronics SPSB100 Datasheet HTML 142Page - STMicroelectronics SPSB100 Datasheet HTML 143Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 139 / 213 page
background image
Bit
Name
Description
1
CRC1
0
CRC0
Table 119. DCR12 (0x0C) MSB
Bit 23
Bit 22
Bit 21
Bit 20
Bit 19
Bit 18
Bit 17
Bit 16
-(R0)
-(R0)
-(R0)
-(R0)
- (R)
- (R)
- (R)
- (R)
RES
RES
RES
RES
BYPASS_DIS
BUCK3_PU_VALUE_2
BUCK3_PU_VALUE_1
BUCK3_PU_VALUE_0
Reserved
Reserved
Reserved
Reserved
Bypass disable bit
BUCK3 pull-up value bit 2
BUCK3 pull-up value bit 1
BUCK3 pull-up value bit 0
Table 120. DCR12 (0x0C) MSB description
Bit
Name
Description
23
RES
Reserved
22
RES
Reserved
21
RES
Reserved
20
RES
Reserved
19
BYPASS_DIS
If bit BYPASS_DIS = 1:
BYPASS will always be OFF
If bit BYPASS_DIS = 0:
BYPASS will be ON and OFF based on the sensed Vbat value
18
BUCK3_PU_VALUE_2
17
BUCK3_PU_VALUE_1
16
BUCK3_PU_VALUE_0
BUCK3 voltage setting
001: 0.98 V
010: 1.1 V
011: 1.2 V
100: 1.25 V
101: 3.3 V
11X: 3.3 V
Table 121. DCR12 (0x0C)
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
- (R)
- (R)
- (R)
- (R)
- (R)
- (R)
- (R)
- (R)
BUCK3_PU_STEP_ENA_2
BUCK3_PU_STEP_ENA_1
BUCK3_PU_STEP_ENA_0
BUCK3_PD_STEP_OFF_2
BUCK3_PD_STEP_OFF_1
BUCK3_PD_STEP_OFF_0
BUCK3_IPEAK_1
BUCK3_IPEAK_0
BUCK3 pull-up step enables
bit 2
BUCK3 pull-up step enables
bit 1
BUCK3 pull-up step enables
bit 0
BUCK3 pull-down step off bit 2
BUCK3 pull-down step off bit 1
BUCK3 pull-down step off bit 0
BUCK3 peak
switching current bit
1
BUCK3 peak
switching current bit
0
Table 122. DCR12 (0x0C) description
Bit
Name
Description
15
BUCK3_PU_STEP_ENA_2
14
BUCK3_PU_STEP_ENA_1
13
BUCK3_PU_STEP_ENA_0
To define BUCK3 turn-on steps
000: BUCK is not turned ON
001: Step 1
010: Step 2
SPSB100
SPI registers
DS14640 - Rev 2
page 139/213



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com