Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPSB100 Datasheet(PDF) 144 Page - STMicroelectronics

Part # SPSB100
Description  Automotive power management IC for highly integrated processors
PDF  213 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPSB100 Datasheet(HTML) 144 Page - STMicroelectronics

Back Button SPSB100 Datasheet HTML 140Page - STMicroelectronics SPSB100 Datasheet HTML 141Page - STMicroelectronics SPSB100 Datasheet HTML 142Page - STMicroelectronics SPSB100 Datasheet HTML 143Page - STMicroelectronics SPSB100 Datasheet HTML 144Page - STMicroelectronics SPSB100 Datasheet HTML 145Page - STMicroelectronics SPSB100 Datasheet HTML 146Page - STMicroelectronics SPSB100 Datasheet HTML 147Page - STMicroelectronics SPSB100 Datasheet HTML 148Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 144 / 213 page
background image
Table 136. DCR14 (0x0E) LSB description
Bit
Name
Description
7
LDO1_PD_STEP_OFF_0
6
LDO1_PU_STEP_ENA_2
To define LDO1 turn-on steps
000: LDO1 is not turned ON
001: Step 1
010: Step 2
011: Step 3
100: Step 4
101: Step 5
110: Step 6
111: Step 7
5
LDO1_PU_STEP_ENA_1
4
LDO1_PU_STEP_ENA_0
3
CRC 3
2
CRC 2
1
CRC 1
0
CRC 0
Table 137. DCR15 (0x0F) MSB
Bit 23
Bit 22
Bit 21
Bit 20
Bit 19
Bit 18
Bit 17
Bit 16
- (R0)
- (R0)
- (R0)
- (R0)
- (R)
- (R)
- (R)
- (R)
RES
RES
RES
RES
U_NVM_F_15
U_NVM_F_14
PU_WAIT_DEL_ENA_7_1
PU_WAIT_DEL_ENA_7_0
Reserved Reserved Reserved Reserved
User NVM F
register bit 15
User NVM F
register bit 14
Pull-up wait delay enable 7
bit 1
Pull-up wait delay enable 7
bit 0
Table 138. DCR15 (0x0F) MSB description
Bit
Name
Description
23
RES
Reserved
22
RES
Reserved
21
RES
Reserved
20
RES
Reserved
19
U_NVM_F_15
User NVM regs
Can be emulated when FSM in U_PROG_1 state
18
U_NVM_F_14
17
PU_WAIT_DEL_ENA_7_1
Power up delay at step 7
00: 0 ms
01: 2 ms
10: 5 ms
11: 10 ms
16
PU_WAIT_DEL_ENA_7_0
SPSB100
SPI registers
DS14640 - Rev 2
page 144/213



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com