Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPSB100 Datasheet(PDF) 150 Page - STMicroelectronics

Part # SPSB100
Description  Automotive power management IC for highly integrated processors
PDF  213 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPSB100 Datasheet(HTML) 150 Page - STMicroelectronics

Back Button SPSB100 Datasheet HTML 146Page - STMicroelectronics SPSB100 Datasheet HTML 147Page - STMicroelectronics SPSB100 Datasheet HTML 148Page - STMicroelectronics SPSB100 Datasheet HTML 149Page - STMicroelectronics SPSB100 Datasheet HTML 150Page - STMicroelectronics SPSB100 Datasheet HTML 151Page - STMicroelectronics SPSB100 Datasheet HTML 152Page - STMicroelectronics SPSB100 Datasheet HTML 153Page - STMicroelectronics SPSB100 Datasheet HTML 154Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 150 / 213 page
background image
Bit
Name
Description
16
PD_WAIT_DEL_OFF_7_0
Table 157. DCR18 (0x12)
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
- (R)
- (R)
- (R)
- (R)
- (R)
- (R)
- (R)
- (R)
PD_WAIT_DEL_OFF_6_1
PD_WAIT_DEL_OFF_6_0
PD_WAIT_DEL_OFF_5_1
PD_WAIT_DEL_OFF_5_0
PD_WAIT_DEL_OFF_4_1
PD_WAIT_DEL_OFF_4_0
PD_WAIT_DEL_OFF_3_1
PD_WAIT_DEL_OFF_3_0
Pull-down wait delay off 6
bit 1
Pull-down wait delay off 6
bit 0
Pull-down wait delay off 5
bit 1
Pull-down wait delay off 5
bit 0
Pull-down wait delay off 4
bit 1
Pull-down wait delay off 4
bit 0
Pull-down wait delay off 3
bit 1
Pull-down wait delay off 3
bit 0
Table 158. DCR18 (0x12) description
Bit
Name
Description
15
PD_WAIT_DEL_OFF_6_1
Power-down delay at step 6
00: 0 ms
01: 2 ms
10: 5 ms
11: 10 ms
14
PD_WAIT_DEL_OFF_6_0
13
PD_WAIT_DEL_OFF_5_1
Power-down delay at step 5
00: 0 ms
01: 2 ms
10: 5 ms
11: 10 ms
12
PD_WAIT_DEL_OFF_5_0
11
PD_WAIT_DEL_OFF_4_1
Power-down delay at step 4
00: 0 ms
01: 2 ms
10: 5 ms
11: 10 ms
10
PD_WAIT_DEL_OFF_4_0
9
PD_WAIT_DEL_OFF_3_1
Power-down delay at step 3
00: 0 ms
01: 2 ms
10: 5 ms
11: 10 ms
8
PD_WAIT_DEL_OFF_3_0
Table 159. DCR18 (0x12) LSB
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
- (R)
- (R)
- (R)
- (R)
- (R)
- (R)
- (R)
- (R)
PD_WAIT_DEL_OFF_2_1
PD_WAIT_DEL_OFF_2_0
PD_WAIT_DEL_OFF_1_1
PD_WAIT_DEL_OFF_1_0
CRC3
CRC2
CRC1
CRC0
Pull-down wait delay off 2 bit 1
Pull-down wait delay off 2 bit 0
Pull-down wait delay off 1 bit 1
Pull-down wait delay off 1 bit 0
Cyclic
redundancy
checking bit 3
Cyclic
redundancy
checking bit 2
Cyclic
redundancy
checking bit 1
Cyclic
redundancy
checking bit 0
SPSB100
SPI registers
DS14640 - Rev 2
page 150/213



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com