Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPSB100 Datasheet(PDF) 212 Page - STMicroelectronics

Part # SPSB100
Description  Automotive power management IC for highly integrated processors
PDF  213 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPSB100 Datasheet(HTML) 212 Page - STMicroelectronics

Back Button SPSB100 Datasheet HTML 205Page - STMicroelectronics SPSB100 Datasheet HTML 206Page - STMicroelectronics SPSB100 Datasheet HTML 207Page - STMicroelectronics SPSB100 Datasheet HTML 208Page - STMicroelectronics SPSB100 Datasheet HTML 209Page - STMicroelectronics SPSB100 Datasheet HTML 210Page - STMicroelectronics SPSB100 Datasheet HTML 211Page - STMicroelectronics SPSB100 Datasheet HTML 212Page - STMicroelectronics SPSB100 Datasheet HTML 213Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 212 / 213 page
background image
Figure 53.
Current limitation curves of BUCK1, 2 for Vout 5 V ........................................... 85
Figure 54.
Current limitation curves of BUCK1, 2 for Vout 6.5 V ......................................... 86
Figure 55.
Vout = 3.3 V and VIN3 = 5 V .......................................................... 88
Figure 56.
Vout = 1.25 V and VIN3 = 3.3 V ........................................................ 88
Figure 57.
Vout = 1.2 V and VIN3 = 3.3 V ......................................................... 89
Figure 58.
Vout = 1.1 V and VIN3 = 3.3 V ......................................................... 89
Figure 59.
Vout = 0.98 V and VIN3 = 3.3 V ........................................................ 89
Figure 60.
Load transient BUCK3 at 0.98 V ....................................................... 90
Figure 61.
Load transient BUCK3 at 3.3 V ........................................................ 90
Figure 62.
Line transient BUCK3 at 0.98 V ....................................................... 90
Figure 63.
Line transient BUCK3 at 3.3 V ........................................................ 91
Figure 64.
Watchdog early, late and safe windows .................................................. 93
Figure 65.
Watchdog timing .................................................................. 94
Figure 66.
SPI - Transfer timing diagram ......................................................... 99
Figure 67.
SPI - Input timing ................................................................. 99
Figure 68.
SPI - Output timing ............................................................... 100
Figure 69.
SPI CSN - Output timing ........................................................... 101
Figure 70.
SPI - CSN low to high transition and global status bit access .................................. 101
Figure 71.
Typical application circuit ........................................................... 106
Figure 72.
Assembly top ................................................................... 194
Figure 73.
Inner 1 (ground) ................................................................. 195
Figure 74.
Inner 2 (ground and signal) ......................................................... 195
Figure 75.
Assembly bottom ................................................................ 196
Figure 76.
Solder mask defined (SMD) ......................................................... 197
Figure 77.
VFQFN56+4L (8x8x0.9 mm exp. pad down) package outline .................................. 198
SPSB100
List of figures
DS14640 - Rev 2
page 212/213



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com