Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99PM62XP Datasheet(PDF) 47 Page - STMicroelectronics

Part # L99PM62XP
Description  Power management IC with LIN and high speed CAN
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99PM62XP Datasheet(HTML) 47 Page - STMicroelectronics

Back Button L99PM62XP Datasheet HTML 43Page - STMicroelectronics L99PM62XP Datasheet HTML 44Page - STMicroelectronics L99PM62XP Datasheet HTML 45Page - STMicroelectronics L99PM62XP Datasheet HTML 46Page - STMicroelectronics L99PM62XP Datasheet HTML 47Page - STMicroelectronics L99PM62XP Datasheet HTML 48Page - STMicroelectronics L99PM62XP Datasheet HTML 49Page - STMicroelectronics L99PM62XP Datasheet HTML 50Page - STMicroelectronics L99PM62XP Datasheet HTML 51Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 98 page
background image
L99PM62XP
Electrical specifications
Doc ID 16363 Rev 4
47/98
5.5.2
Oscillator
The voltages are referred to ground and currents are assumed positive, when the current
flows into the pin. 4.5 V < VS < 28 V; all outputs open; Tj = -40 °C to 130 °C, unless
otherwise specified.
5.5.3
Power-on reset (Vs)
All outputs open; Tj = -40°C to 130°C, unless otherwise specified.
5.5.4
Voltage regulator V1
The voltages are referred to ground and currents are assumed positive, when the current
flows into the pin. 4.5 V < VS < 28 V; Tj = -40 °C to 130 °C, unless otherwise specified.
Table 13.
Oscillator
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
FCLK
Oscillation frequency
0.80
1.0
1.35
MHz
Table 14.
Power-on reset (Vs)
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
VPOR
VPOR threshold
Vs increasing
3.45
4.5
V
VPOR
VPOR threshold
Vs decreasing(1)
1.
This threshold is valid if Vs had already reached 7V previously
2.65
3.5
V
Table 15.
Voltage regulator V1
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
V1
Output voltage
5.0
V
V1
Output voltage tolerance
Active mode
ILOAD1 = 1mA to 100 mA,
VS = 13.5 V
+/- 2
%
Vhc1
Output voltage tolerance
active mode, high current
ILOAD1 = 100 mA to 250 mA,
VS = 13.5 V
+/- 3
%
ILOAD1 = 250 mA
VS = 13.5 V
+/- 5%
%
VSTB1
Output voltage tolerance
V1-standby mode
ILOAD1 = 0 µA to 1 mA,
VS =13.5 V
+/- 4%
%
VDP1
Drop-out Voltage
ILOAD1 = 50 mA, VS = 5 V
ILOAD1 = 100 mA, V = 4.5 V
ILOAD1 = 100 mA, VS = 5 V
ILOAD1 = 150 mA, VS = 4.5 V
ILOAD1 = 150 mA, VS = 5.0 V
0.2
0.2
0.3
0.45
0.45
0.4
0.5
0.5
0.6
0.6
V
V
V
V
V
ICC1
Output current in active mode
Max. continuous load current
250
mA
ICCmax1 Short circuit output current
Current limitation
400
600
950
mA
Cload1
Load capacitor1
Ceramic (+/- 20%)
0.22(1)
µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com