Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99PM62XP Datasheet(PDF) 58 Page - STMicroelectronics

Part # L99PM62XP
Description  Power management IC with LIN and high speed CAN
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99PM62XP Datasheet(HTML) 58 Page - STMicroelectronics

Back Button L99PM62XP Datasheet HTML 54Page - STMicroelectronics L99PM62XP Datasheet HTML 55Page - STMicroelectronics L99PM62XP Datasheet HTML 56Page - STMicroelectronics L99PM62XP Datasheet HTML 57Page - STMicroelectronics L99PM62XP Datasheet HTML 58Page - STMicroelectronics L99PM62XP Datasheet HTML 59Page - STMicroelectronics L99PM62XP Datasheet HTML 60Page - STMicroelectronics L99PM62XP Datasheet HTML 61Page - STMicroelectronics L99PM62XP Datasheet HTML 62Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 98 page
background image
Electrical specifications
L99PM62XP
58/98
Doc ID 16363 Rev 4
D1
Duty cycle 1
THRec(max) = 0.744*VS;
THDom(max) = 0.581*VS;
VS = 7 V to 18 V, tbit =50 µs;
D1 = tbus_rec(min)/(2xtbit);
Rbus =1 kΩ, Cbus =1 nF;
Rbus = 660 Ω, Cbus =6.8 nF;
Rbus = 500 Ω, Cbus =10 nF
0.396
D2
Duty cycle 2
THRec(min) = 0.284*VS;
THDom(min) = 0.422*VS;
VS = 7.6 to 18 V, tbit = 50 µs;
D2 = tbus_rec(max)/(2xtbit);
Rbus =1 kΩ, Cbus =1 nF;
Rbus = 660 Ω, Cbus =6.8 nF;
Rbus = 500 Ω, Cbus =10 nF
0.581
D3
Duty cycle 3
THRec(max) = 0.778*VS;
THDom(max) = 0.616*VS;
VS = 7 V to 18 V, tbit = 96 µs;
D3 = tbus_rec(min)/(2xtbit);
Rbus =1 kΩ, Cbus =1 nF;
Rbus = 660 Ω, Cbus =6.8 nF;
Rbus = 500 Ω, Cbus =10 nF
0.417
D4
Duty cycle 4
THRec(min) = 0.251*VS;
THDom(min) = 0.389*VS;
VS = 7.6 V to 18 V, tbit = 96 µs;
D4 = tbus_rec(max)/(2xtbit);
Rbus =1 kΩ, Cbus =1 nF;
Rbus = 660 Ω, Cbus =6.8 nF;
Rbus = 500 Ω, Cbus =10 nF
0.590
tdom(TXDL) TXDL dominant time-out
12
ms
tLIN
LIN permanent recessive
time-out
40
µs
tdom(BUS)
LIN bus permanent
dominant time-out
12
ms
Table 31.
LIN transceiver timing (continued)
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
Table 32.
LIN pull-up: pin LINPU
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
RDSON ON resistance
10.5
16
Ω
Ileak
Leakage current
1
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com