Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99PM62XP Datasheet(PDF) 22 Page - STMicroelectronics

Part # L99PM62XP
Description  Power management IC with LIN and high speed CAN
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99PM62XP Datasheet(HTML) 22 Page - STMicroelectronics

Back Button L99PM62XP Datasheet HTML 18Page - STMicroelectronics L99PM62XP Datasheet HTML 19Page - STMicroelectronics L99PM62XP Datasheet HTML 20Page - STMicroelectronics L99PM62XP Datasheet HTML 21Page - STMicroelectronics L99PM62XP Datasheet HTML 22Page - STMicroelectronics L99PM62XP Datasheet HTML 23Page - STMicroelectronics L99PM62XP Datasheet HTML 24Page - STMicroelectronics L99PM62XP Datasheet HTML 25Page - STMicroelectronics L99PM62XP Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 98 page
background image
Description
L99PM62XP
22/98
Doc ID 16363 Rev 4
After power-on or standby mode, the watchdog is started with a long open window (65 ms
nominal). The long open window allows the micro controller to run its own setup and then to
trigger the watchdog via the SPI. The trigger is processed when the CSN input becomes
HIGH after the transmission of the SPI word.
Writing ‘1’ to the watchdog trigger bit terminates the long open window and start the window
watchdog (the timing is programmable by SPI). Subsequently, the micro controller has to
serve the watchdog by alternating the watchdog trigger bit within the safe trigger area (refer
to Figure 27). A correct watchdog trigger signal is immediately start the next cycle.
After 8 watchdog failures in sequence, the V1 regulator is switched off for 200ms. If
subsequently, 7 additional watchdog failures occur, the V1 regulator is completely turned off
and the device goes into VBAT standby mode until a wakeup occurs.
In case of a watchdog failure, the outputs (RELx, OUTx, V2) are switched off and the device
enters fail-safe mode (i. e. all control registers are set to default values except the ‘OUT3
control bit’).
The following diagrams illustrate the watchdog behavior of the L99PM62. The diagrams are
split into 3 parts. First diagram shows the functional behavior of the watchdog without any
error. The second diagram covers the behavior covering all the error conditions, which can
affect the watchdog behavior. Third diagram shows the transition in and out of Flash mode.
All 3 diagrams can be overlapped to get all the possible state transitions under all
circumstances. For a better readability, they were split in normal operating, operating with
errors and Flash mode.
Figure 9.
Watchdog in normal operating mode (no errors)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com