Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99PM62XP Datasheet(PDF) 19 Page - STMicroelectronics

Part # L99PM62XP
Description  Power management IC with LIN and high speed CAN
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99PM62XP Datasheet(HTML) 19 Page - STMicroelectronics

Back Button L99PM62XP Datasheet HTML 15Page - STMicroelectronics L99PM62XP Datasheet HTML 16Page - STMicroelectronics L99PM62XP Datasheet HTML 17Page - STMicroelectronics L99PM62XP Datasheet HTML 18Page - STMicroelectronics L99PM62XP Datasheet HTML 19Page - STMicroelectronics L99PM62XP Datasheet HTML 20Page - STMicroelectronics L99PM62XP Datasheet HTML 21Page - STMicroelectronics L99PM62XP Datasheet HTML 22Page - STMicroelectronics L99PM62XP Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 98 page
background image
L99PM62XP
Description
Doc ID 16363 Rev 4
19/98
2.2.6
Wake-up inputs
The de-bounced digital inputs WU1 to WU3 can be used to wake up the L99PM62XP from
standby modes. These inputs are sensitive to any level transition (positive and negative
edge)
For static contact monitoring, a filter time of 64 µs is implemented at WU1-3. The filter is
started when the input voltage passes the specified threshold.
In addition to the continuous sensing (static contact monitoring) at the wake up inputs, a
cyclic sense functionality is implemented. This feature allows periodical activation of the
wake-up inputs to read the status of the external contacts. The periodical activation can be
linked to Timer1 or Timer2 (see Section 2.2.7: Cyclic contact supply ). The input signal is
filtered with a filter time of 16 µs after a programmable delay (80 µs or 800 µs) according to
the configured timer on-time. A wake-up is processed if the status has changed versus the
previous cycle.
The outputs OUT_HS and OUT1-4 can be used to supply the external contacts with the
timer setting according to the cyclic monitoring of the wake-up inputs.
If the wake-up inputs are configured for cyclic sense mode the input filter timing and input
filter delay (WUx_filt in control register 2) must correspond to the setting of the high-side
output which supplies the external contact switches (OUTx in control register 0).
In standby mode, the inputs WU1-3 are SPI configurable for pull-up or pull-down current
source configuration according to the setup of the external. In active mode the inputs have a
pull down resistor.
In active mode, the input status can be read by SPI (Status Register 2). Static sense should
be configured (Control Register 2) before the read operation is started (In cyclic sense
configuration, the input status is updated according to the cyclic sense timing; Therefore,
reading the input status in this mode may not reflect the actual status).
2.2.7
Cyclic contact supply
In V1 standby and VBAT standby modes, any high-side driver output (OUT1..4, OUTHS) can
be used to periodically supply external contacts.
The timing is selectable by SPI
Timer 1: period is Xs. The on-time is 10 ms resp. 20 ms: With X
∈ {1, 2, 3, 4 s}
Timer 2: period is X ms. The on- time is 100 µs resp. 1ms: With X
∈ {10, 20, 50, 200 ms}
2.2.8
Timer interrupt / wake-up of microcontroller by timer
During standby modes the cyclic wake up feature, configured via SPI, allows waking up the
µC after a programmable timeout according to timer1 or timer2.
From V1 standby mode, the L99PM62XP wakes up (after the selected timer has elapsed)
and sends an interrupt signal (via RxDL/NINT pin) to the µC. The device enters active mode
and the watchdog is started with a long open window. The microcontroller can send the
device back into V1 standby after finishing its tasks.
From VBAT standby mode, the L99PM62XP wakes up (after the selected timer has elapsed),
turns on the V1 regulator and provides an NReset signal to the µC. The device enters active
mode and the watchdog is started with a long open window. The microcontroller can send
the device back into VBAT standby after finishing its tasks.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com