Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99PM62XP Datasheet(PDF) 78 Page - STMicroelectronics

Part # L99PM62XP
Description  Power management IC with LIN and high speed CAN
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99PM62XP Datasheet(HTML) 78 Page - STMicroelectronics

Back Button L99PM62XP Datasheet HTML 74Page - STMicroelectronics L99PM62XP Datasheet HTML 75Page - STMicroelectronics L99PM62XP Datasheet HTML 76Page - STMicroelectronics L99PM62XP Datasheet HTML 77Page - STMicroelectronics L99PM62XP Datasheet HTML 78Page - STMicroelectronics L99PM62XP Datasheet HTML 79Page - STMicroelectronics L99PM62XP Datasheet HTML 80Page - STMicroelectronics L99PM62XP Datasheet HTML 81Page - STMicroelectronics L99PM62XP Datasheet HTML 82Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 98 page
background image
ST SPI
L99PM62XP
78/98
Doc ID 16363 Rev 4
Control register 1
Table 74.
Control register 1: command and data bytes
Command byte
1st data byte
2nd data byte
Read/write
Address
x
x
0
0
0
0
0
1
Data, 8bit
Data, 8 bit
Table 75.
Control register 1, data bytes
1st data byte <15:8>
2nd data byte <7:0>
Defaults
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Function
OUT
HS_2
OUT
HS_1
OUT
4_2
OUT
4_1
OUT
HS_EXT
OUT
3
OUT
2
OUT
1
REL
2
REL
1
V2_2
V2_1
Res
Stby
sel
Go
Stby
Trig
Group
HS control
LS Output, V2 and mode control
Table 76.
Control register 1, bits
Bit
Name
Comment
15
OUTHS
Select mode of OUTHS
14
OUTHS_EXT
OUTHS_2
OUTHS_1
Mode
0
0
0
HS off
Active and
standby mode
0
0
1
HS cyclic on with timer 1
0
1
0
HS controlled by PWM4
0
1
1
HS cyclic on with Timer 2
11
0
PWM3(1)
1x
1
HS on
1) PWM4 (CR6) must be unequal 0% in order to enable PWM3
To turn off OUT4, we recommend to use the setting 'HS Off' (OUT4_1 = 0, OUT4_2 = 0)
13
OUT4
Select mode of OUT4
12
OUT4_2
OUT4_1
Mode
00
HS off
Active and standby mode
01
HS on
10
HS controlled
by PWM4
11
HS cyclic on
with Timer 2
11
OUTHS_EXT Extended function of OUTHS; see table OUTHS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com