Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99PM62XP Datasheet(PDF) 33 Page - STMicroelectronics

Part # L99PM62XP
Description  Power management IC with LIN and high speed CAN
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99PM62XP Datasheet(HTML) 33 Page - STMicroelectronics

Back Button L99PM62XP Datasheet HTML 29Page - STMicroelectronics L99PM62XP Datasheet HTML 30Page - STMicroelectronics L99PM62XP Datasheet HTML 31Page - STMicroelectronics L99PM62XP Datasheet HTML 32Page - STMicroelectronics L99PM62XP Datasheet HTML 33Page - STMicroelectronics L99PM62XP Datasheet HTML 34Page - STMicroelectronics L99PM62XP Datasheet HTML 35Page - STMicroelectronics L99PM62XP Datasheet HTML 36Page - STMicroelectronics L99PM62XP Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 98 page
background image
L99PM62XP
Description
Doc ID 16363 Rev 4
33/98
2.9.4
CAN receive only mode
With the CAN_rec_only bit in control register 4 it is possible to disable the CAN transmitter
in active mode. In this mode it is possible to listen to the bus but not sending to it. The
receiver termination network is still activated in this mode.
2.9.5
CAN looping mode
If the CAN_Loop_en bit in control register 4 is set the TXDC input is mapped directly to the
RXDC pin. This mode can be used in combination with the CAN receive only mode, to run
diagnosis for the CAN protocol handler of the micro controller.
2.10
Serial peripheral interface (ST SPI standard)
A 24 bit SPI is used for bi-directional communication with the micro controller.
During active mode, the SPI
●
Triggers the watchdog
●
Controls the modes and status of all L99PM62XP modules (incl. input and output
drivers)
●
Provides driver output diagnostic
●
Provide L99PM62XP diagnostic (incl. over temperature warning, L99PM62XP
operation status)
The SPI can be driven by a micro controller with its SPI peripheral running in following
mode:
CPOL = 0 and CPHA = 0.
For this mode input data is sampled by the low to high transition of the clock CLK, and
output data is changed from the high to low transition of CLK.
This device is not limited to micro controller with a built-in SPI. Only three CMOS-compatible
output pins and one input pin is needed to communicate with the device. A fault condition
can be detected by setting CSN to low. If CSN = 0, the DO-pin reflects the global error flag
(fault condition) of the device.
Chip select not (CSN)
The input pin is used to select the serial interface of this device. When CSN is high, the
output pin (DO) is in high impedance state. A low signal activates the output driver and a
serial communication can be started. The state during CSN = 0 is called a communication
frame.
If CSN = low for t > tCSNfail the DO output is switched to high impedance in order to not block
the signal line for other SPI nodes.
Serial data in (DI)
The input pin is used to transfer data serial into the device. The data applied to the DI is
sampled at the rising edge of the CLK signal and shifted into an internal 24 bit shift register.
At the rising edge of the CSN signal the contents of the shift register is transferred to Data
Input Register. The writing to the selected data input register is only enabled if exactly 24
bits are transmitted within one communication frame (i.e. CSN low). If more or less clock



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com