Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99PM62XP Datasheet(PDF) 76 Page - STMicroelectronics

Part # L99PM62XP
Description  Power management IC with LIN and high speed CAN
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99PM62XP Datasheet(HTML) 76 Page - STMicroelectronics

Back Button L99PM62XP Datasheet HTML 72Page - STMicroelectronics L99PM62XP Datasheet HTML 73Page - STMicroelectronics L99PM62XP Datasheet HTML 74Page - STMicroelectronics L99PM62XP Datasheet HTML 75Page - STMicroelectronics L99PM62XP Datasheet HTML 76Page - STMicroelectronics L99PM62XP Datasheet HTML 77Page - STMicroelectronics L99PM62XP Datasheet HTML 78Page - STMicroelectronics L99PM62XP Datasheet HTML 79Page - STMicroelectronics L99PM62XP Datasheet HTML 80Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 98 page
background image
ST SPI
L99PM62XP
76/98
Doc ID 16363 Rev 4
<Burst Mode>: not supported
<Watchdog>: available
<Frame Width>: 24 bit
6.2
SPI registers
6.2.1
Overview
Overview command byte
Overview of control register data bytes
Table 69.
SPI register: command byte
Read/write
Address
xx
xxxx
xx
Table 70.
SPI register: mode selection
Read/write
Mode selection
00
Write
01
Read
1
0
Read and clear
1
1
Read device info
Table 71.
SPI register: CTRL register selection
CTRL register 1…6
CTRL register selection
000001
CTRL register1
000010
CTRL register2
000011
CTRL register3
000100
CTRL register4
000101
CTRL register5
000110
CTRL register6
Table 72.
SPI register: STAT register selection
STAT register. 1…3
STAT register selection
010001
STAT register1
010010
STAT register2
010011
STAT register3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com