Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99PM62XP Datasheet(PDF) 92 Page - STMicroelectronics

Part # L99PM62XP
Description  Power management IC with LIN and high speed CAN
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99PM62XP Datasheet(HTML) 92 Page - STMicroelectronics

Back Button L99PM62XP Datasheet HTML 88Page - STMicroelectronics L99PM62XP Datasheet HTML 89Page - STMicroelectronics L99PM62XP Datasheet HTML 90Page - STMicroelectronics L99PM62XP Datasheet HTML 91Page - STMicroelectronics L99PM62XP Datasheet HTML 92Page - STMicroelectronics L99PM62XP Datasheet HTML 93Page - STMicroelectronics L99PM62XP Datasheet HTML 94Page - STMicroelectronics L99PM62XP Datasheet HTML 95Page - STMicroelectronics L99PM62XP Datasheet HTML 96Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 98 page
background image
ST SPI
L99PM62XP
92/98
Doc ID 16363 Rev 4
Status register 2
Table 97.
Status register 2: command and data bytes
Command byte
1st data byte
2nd data byte
Read/write
Address
Bit <15:8>
Bit<7:0>
x
x
0
10010
Data, 8bit
Data, 8 bit
Table 98.
Status register 2, data bytes
1st data byte <15:8>
2nd data byte <7:0>
Function
WU3
state
WU2
state
WU1
state
WU3
wake
WU2
wake
WU1
wake
Wake
CAN
Wake
LIN
Wake
Timer
int
LIN
perm.
dom.
LIN
TxD
perm dom.
LIN
perm.
rec.
CAN
RxD
perm rec.
CAN
perm.
rec.
CAN
perm.
dom.
CAN
TxD
perm dom
Group
Diagnosis 3
Diagnosis 4
Table 99.
Status register 2, bits
Bit
Name
Comment
Information storage
15
WU3_state
State of WUx input;
“Live bits” not clearable
14
WU2_state
13
WU1_state
12
WU3_wake
Shows wake up source (‘1’ = wake-up)
Bits are latched until a “Read and
clear” access
11
WU2_wake
10
WU1_wake
9
WAKE_CAN
8
WAKE_LIN
7
Wake_TIMER_int
6
LIN_perm_DOM
LIN bus is dominant for t > 12 ms
5
LIN_TxD_perm_DOM
TxDL pin is dominant for t > 12 ms;
Transmitter is disabled
4
LIN_perm_REC
LIN bus does not follow TxDL within
40 µs; Transmitter is disabled
3
CAN_RxD_perm_rec
RxDC has not followed TxDC for 4 times;
Transmitter is disabled
2
CAN_perm_REC
CAN has not followed TxDC for 4 times;
Transmitter is disabled
1
CAN_perm_DOM
CAN bus is dominant for t > 700 µs
0
CAN_TxD_perm_DOM
TxDC pin is dominant for t > 700 µs;
Transmitter is disabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com