Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99PM62XP Datasheet(PDF) 83 Page - STMicroelectronics

Part # L99PM62XP
Description  Power management IC with LIN and high speed CAN
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99PM62XP Datasheet(HTML) 83 Page - STMicroelectronics

Back Button L99PM62XP Datasheet HTML 79Page - STMicroelectronics L99PM62XP Datasheet HTML 80Page - STMicroelectronics L99PM62XP Datasheet HTML 81Page - STMicroelectronics L99PM62XP Datasheet HTML 82Page - STMicroelectronics L99PM62XP Datasheet HTML 83Page - STMicroelectronics L99PM62XP Datasheet HTML 84Page - STMicroelectronics L99PM62XP Datasheet HTML 85Page - STMicroelectronics L99PM62XP Datasheet HTML 86Page - STMicroelectronics L99PM62XP Datasheet HTML 87Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 98 page
background image
L99PM62XP
ST SPI
Doc ID 16363 Rev 4
83/98
Control register 4
5
WD_time_MSB
Trigger window selection
4
WD_time_LSB
MSB
LSB
00
10 ms
01
20 ms
10
50 ms
11
200 ms
3
LIN_WU_En
Enable LIN as wake up source
0Disabled
1
Enabled
2
CAN_WU_En
Enable CAN as wake up source
0Disabled
1
Enabled
1
Wake_timer_En
Enable wake up by timer from V1 standby mode (Interrupt) or VBAT standby Mode
(Nreset)
0Disabled
1
Enabled
0
Wake_timer_select Timer selection for timer interrupt / wake-up of µC by timer
0Timer 2
1Timer 1
Table 82.
Control register 3, bits (continued)
Bit
Name
Comment
Table 83.
Control register 4: command and data bytes
Command byte
1st data byte
2nd data byte
Read/Write
Address
x
x
0
00100
Data, 8bit
Data, 8 bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com