Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99PM62XP Datasheet(PDF) 17 Page - STMicroelectronics

Part # L99PM62XP
Description  Power management IC with LIN and high speed CAN
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99PM62XP Datasheet(HTML) 17 Page - STMicroelectronics

Back Button L99PM62XP Datasheet HTML 13Page - STMicroelectronics L99PM62XP Datasheet HTML 14Page - STMicroelectronics L99PM62XP Datasheet HTML 15Page - STMicroelectronics L99PM62XP Datasheet HTML 16Page - STMicroelectronics L99PM62XP Datasheet HTML 17Page - STMicroelectronics L99PM62XP Datasheet HTML 18Page - STMicroelectronics L99PM62XP Datasheet HTML 19Page - STMicroelectronics L99PM62XP Datasheet HTML 20Page - STMicroelectronics L99PM62XP Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 98 page
background image
L99PM62XP
Description
Doc ID 16363 Rev 4
17/98
Except for the disabled watchdog, the Flash mode is identical to active mode and all device
features are available.
The mode can be entered if one of the following conditions is applied:
●
VTxDL > VFlash
●
VTxDC > VFlash
At exit from Flash mode (VTxD < VFlash) no NReset pulse is generated and the watchdog
starts with a long open window.
Note:
Setting both TxDL and TxDC to high voltage levels (> VFlash) is not allowed
2.2.3
V1 standby mode
The transition from active mode to V1 standby mode is controlled by SPI.
To supply the micro controller in a low power mode, the voltage regulator 1 (V1) remains
active. In order to reduce the current consumption, the regulator goes in low current mode
as soon as the supply current of the microcontroller goes below the Icmp current threshold.
At this transition, the L99PM62 also deactivates the internal watchdog.
Relay outputs, LIN and CAN transmitters is switched off in V1 standby mode. High-side
outputs and the V2 regulator remain in the configuration programmed prior to the standby
command.
A cyclic supply of external contacts and a synchronized monitoring of the contact state can
be activated and configured by SPI.
In V1 standby mode various wake up sources can be individually programmed. Each wake
up event puts the device into active mode and forces the RxDL/NINT pin to a low level
indicating the wake-up condition to the microcontroller.
After power ON reset (POR) all wake up sources are activated by default except the
periodic interrupt/wake timer.
With the interrupt timer the micro controller can be forced from ‘stop’ to ‘run’ after a
programmable period. The RxDL/NINT pin is forced low after the timer is elapsed. The
L99PM62XP enters active mode and is awaiting a valid watchdog trigger.
Both internal timers can be used for this feature.
The interrupt timer (TINT) at pin RxDL/NINT is only available in V1 standby mode.
Note:
Inputs TxDL, TxDC and CSN must be at high level or at high impedance in order to achieve
minimum standby current in V1 standby mode.
Inputs DI and CLK must be at GND or at high impedance to achieve minimum standby
current in V1 standby mode.
Interrupt
The interrupt signal (linked to RxDL/NINT internally) indicates a wake-up event from V1
standby mode. In case of a wake-up by Wake-up Inputs, activity on LIN or CAN, SPI access
or timer-interrupt the NINT pin is pulled low for 56 µs.
In case of V1 standby mode and (IV1 > Icmp), the device remains in standby mode, the V1
regulator switches to high current mode and the watchdog starts. No Interrupt signal is
generated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com