Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99PM62XP Datasheet(PDF) 96 Page - STMicroelectronics

Part # L99PM62XP
Description  Power management IC with LIN and high speed CAN
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99PM62XP Datasheet(HTML) 96 Page - STMicroelectronics

Back Button L99PM62XP Datasheet HTML 90Page - STMicroelectronics L99PM62XP Datasheet HTML 91Page - STMicroelectronics L99PM62XP Datasheet HTML 92Page - STMicroelectronics L99PM62XP Datasheet HTML 93Page - STMicroelectronics L99PM62XP Datasheet HTML 94Page - STMicroelectronics L99PM62XP Datasheet HTML 95Page - STMicroelectronics L99PM62XP Datasheet HTML 96Page - STMicroelectronics L99PM62XP Datasheet HTML 97Page - STMicroelectronics L99PM62XP Datasheet HTML 98Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 96 / 98 page
background image
Package and packing information
L99PM62XP
96/98
Doc ID 16363 Rev 4
Table 103. PowerSSO-36 mechanical data
Symbol
Millimeters
Min.
Typ.
Max.
A
2.15
—
2.45
A2
2.15
—
2.35
a1
0
—
0.1
b
0.18
—
0.36
c
0.23
—
0.32
D
10.10
—
10.50
E
7.4
—
7.6
e—
0.5
—
e3
—
8.5
—
F—
2.3
—
G—
—
0.1
H
10.1
—
10.5
h—
—
0.4
k0°
—
8°
L
0.55
—
0.85
M—
4.3
—
N—
-
10°
O—
1.2
—
Q—
0.8
—
S—
2.9
—
T—
3.65
—
U—
1.0
—
X
4.1
—
4.7
Y
6.5
—
7.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com