Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99PM62XP Datasheet(PDF) 53 Page - STMicroelectronics

Part # L99PM62XP
Description  Power management IC with LIN and high speed CAN
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99PM62XP Datasheet(HTML) 53 Page - STMicroelectronics

Back Button L99PM62XP Datasheet HTML 49Page - STMicroelectronics L99PM62XP Datasheet HTML 50Page - STMicroelectronics L99PM62XP Datasheet HTML 51Page - STMicroelectronics L99PM62XP Datasheet HTML 52Page - STMicroelectronics L99PM62XP Datasheet HTML 53Page - STMicroelectronics L99PM62XP Datasheet HTML 54Page - STMicroelectronics L99PM62XP Datasheet HTML 55Page - STMicroelectronics L99PM62XP Datasheet HTML 56Page - STMicroelectronics L99PM62XP Datasheet HTML 57Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 98 page
background image
L99PM62XP
Electrical specifications
Doc ID 16363 Rev 4
53/98
5.5.10
Wake up inputs (WU1... WU3)
The voltages are referred to GND and currents are assumed positive, when the current
flows into the pin. 6 V < VS < 18 V; Tj = -40 °C to 130 °C, unless otherwise specified.
5.5.11
High speed CAN transceiver(b)
The voltages are referred to GND and currents are assumed positive, when the current
flows into the pin.
6V < VS < 18 V; 4.8 V < Vcansup. < 5.2 V; Tjunction = -40 °C to 130 °C, unless otherwise
specified.
Table 22.
Wake up inputs (WU1... WU3)
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
VWUthp
Wake-up negative edge threshold
voltage
0,4*Vs
0.45*Vs
0,5*Vs
V
VWUthn
Wake-up positive edge threshold
voltage
0,5*Vs
0,55*Vs
0,6*Vs
V
VHYST
Hysteresis
0.05*Vs
0.1*Vs
0.15*Vs
V
tWU_stat
Static wake filter time
64*TOSC
µs
IWU_stdby
Input current in standby mode
1 V > Vin > (Vs - 2 V)
10
20
30
µA
RWU_act
Input resistor to Gnd in active mode
and in standby mode during wake-up
request
80
160
300
k
Ω
tWU_cyc
Cyclic wake filter time
16(1)
µs
1.
Blanking time 80 µs or 800 µs.
b.
ISO 11898-2 and ISO 11898-5 compliant; SAE J2284 compliant.
Table 23.
CAN transmit data input: pin TXDC
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
VTXDCLOW
Input voltage dominant
level
Active mode, V1 = 5 V
1.35
1.8
V
VTXDCHIGH
Input voltage
recessive level
Active mode, V1 = 5 V
2.5
2.8
V
VTXDCHYS
VTXDCHIGH-VTXDCLOW Active mode, V1 = 5 V
0.7
1
V
RTXDCPU
TXDC pull up resistor
Active mode, V1 = 5 V
10
20
35
k
Ω
Table 24.
CAN receive data output: pin RXDC
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
VRXDCLOW
Output voltage dominant level
Active mode, V1 = 5V, 2mA
0.2
0.5
V
VRXDCHIGH
Output voltage recessive level
Active mode, V1 = 5V, 2mA
4.5
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com