Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99PM62XP Datasheet(PDF) 30 Page - STMicroelectronics

Part # L99PM62XP
Description  Power management IC with LIN and high speed CAN
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99PM62XP Datasheet(HTML) 30 Page - STMicroelectronics

Back Button L99PM62XP Datasheet HTML 26Page - STMicroelectronics L99PM62XP Datasheet HTML 27Page - STMicroelectronics L99PM62XP Datasheet HTML 28Page - STMicroelectronics L99PM62XP Datasheet HTML 29Page - STMicroelectronics L99PM62XP Datasheet HTML 30Page - STMicroelectronics L99PM62XP Datasheet HTML 31Page - STMicroelectronics L99PM62XP Datasheet HTML 32Page - STMicroelectronics L99PM62XP Datasheet HTML 33Page - STMicroelectronics L99PM62XP Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 98 page
background image
Description
L99PM62XP
30/98
Doc ID 16363 Rev 4
Figure 17.
LIN master node configuration using LIN_PU (optional)
LIN_PU high-side driver characteristics:
●
Activated by default and can be turned off by SPI command (CR4).
●
Remains active in standby modes.
●
Switch off only in case of over temperature (TSD2 = thermal shutdown #2).
●
No over current protection.
●
Typical RDSon, 10 Ω.
2.9
High speed CAN bus transceiver
General requirements
●
Speed communication up to 1 Mbit/s.
●
ISO 11898-2 and ISO 11898-5 compliant
●
SAE J2284 compliant
●
Function range from +40 V to -27 V DC at CAN pins.
●
GND disconnection fail safe at module level.
●
GND shift operation at system level.
●
Micro controller Interface with CMOS compatible I/O pins.
●
ESD and transient immunity according to ISO7637 and EN / IEC61000-4-2
●
Matched output slopes and propagation delay
●
Split output pin for stabilizing the recessive bus level
●
Receive-only mode available
In order to further reduce the current consumption in standby mode, the integrated CAN bus
interface offers an ultra low current consumption.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com