Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99PM62XP Datasheet(PDF) 20 Page - STMicroelectronics

Part # L99PM62XP
Description  Power management IC with LIN and high speed CAN
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99PM62XP Datasheet(HTML) 20 Page - STMicroelectronics

Back Button L99PM62XP Datasheet HTML 16Page - STMicroelectronics L99PM62XP Datasheet HTML 17Page - STMicroelectronics L99PM62XP Datasheet HTML 18Page - STMicroelectronics L99PM62XP Datasheet HTML 19Page - STMicroelectronics L99PM62XP Datasheet HTML 20Page - STMicroelectronics L99PM62XP Datasheet HTML 21Page - STMicroelectronics L99PM62XP Datasheet HTML 22Page - STMicroelectronics L99PM62XP Datasheet HTML 23Page - STMicroelectronics L99PM62XP Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 98 page
background image
Description
L99PM62XP
20/98
Doc ID 16363 Rev 4
2.3
Functional overview (truth table)
Table 4.
Functional overview (truth table)
Function
Comments
Operating modes
Active mode
V1-standby
static mode
(cyclic sense)
VBAT-standby
static mode
(cyclic sense)
Voltage-regulator, V1
VOUT = 5 V
On
On(1)
Off
Voltage-regulator, V2
VOUT = 5 V
On/ Off (2)
On(2) / Off
On(2) / Off
Reset-generator
On
On
Off
Window watchdog
V1 monitor
On
Off (On: I_V1 > Icmp-
threshold and Icmp =0)
Off
Wake up
Off
Active(3)
Active(3)
HS-cyclic supply
Oscillator time
base
On / Off
On(2) / Off
On(2) / Off
Relay driver
On
Off
Off
Operational amplifiers
On
Off
Off
LIN
LIN 2.1
On
Off(4)
Off(4)
HS_CAN
On
Off(4)
Off(4)
FSO (if configured by
SPI), active by default
Fail safe
output
OUT3/FSO Off(5)
OUT3/FSO Off(5)
OUT3/FSO Off(5)
Oscillator
On
(6)
(6)
Vs-monitor
On
(7)
(7)
1.
Supply the processor in low current mode.
2.
Only active when selected via SPI.
3.
Unless disabled by SPI.
4.
The bus state is internally stored when going to standby mode. A change of bus state leads a wake-up after exceeding of
internal filter time (if wake-up by LIN or CAN is not disabled by SPI).
5.
ON in fail-safe condition: If Standby mode is entered with active Fail Safe mode, the output remains ON in Standby mode.
6.
Activation = ON if cyclic sense is selected.
7.
cyclic activation = pulsed ON during cyclic sense.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com