Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99PM62XP Datasheet(PDF) 29 Page - STMicroelectronics

Part # L99PM62XP
Description  Power management IC with LIN and high speed CAN
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99PM62XP Datasheet(HTML) 29 Page - STMicroelectronics

Back Button L99PM62XP Datasheet HTML 25Page - STMicroelectronics L99PM62XP Datasheet HTML 26Page - STMicroelectronics L99PM62XP Datasheet HTML 27Page - STMicroelectronics L99PM62XP Datasheet HTML 28Page - STMicroelectronics L99PM62XP Datasheet HTML 29Page - STMicroelectronics L99PM62XP Datasheet HTML 30Page - STMicroelectronics L99PM62XP Datasheet HTML 31Page - STMicroelectronics L99PM62XP Datasheet HTML 32Page - STMicroelectronics L99PM62XP Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 98 page
background image
L99PM62XP
Description
Doc ID 16363 Rev 4
29/98
In order to further reduce the current consumption in standby mode, the integrated LIN bus
interface offers an ultra low current consumption.
Note:
Use of master pull-up switch is optional.
2.8.1
Error handling
The L99PM62XP provides the following 3 error handling features which are not described in
the LIN Spec. V2.1, but are realized in different stand alone LIN transceivers / micro
controllers to switch the application back to normal operation mode.
Dominant TxDL time out
If TXDL is in dominant state (low) for more than 12 ms (typ) the transmitter is disabled, the
status bit is latched and can be read and optionally cleared by SPI. The transmitter remains
disabled until the status register is cleared. This feature can be disabled via SPI.
Permanent recessive
If TXDL changes to dominant (low) state but RXDL signal does not follow within 40 µs the
transmitter is disabled, the status bit is latched and can be read and optionally cleared by
SPI. The transmitter remains disabled until the status register is cleared.
Permanent dominant
If the bus state is dominant (low) for more than 12 ms a permanent dominant status is
detected. The status bit is latched and can be read and optionally cleared by SPI. The
transmitter is not disabled.
2.8.2
Wake up (from LIN)
In standby mode the L99PM62XP can receive a wake up from LIN bus. For the wake up
feature the L99PM62XP logic differentiates two different conditions.
Normal wake up
Normal wake up can occur when the LIN transceiver was set in standby mode while LIN
was in recessive (high) state. A dominant level at LIN for tlinbus, switches the L99PM62XP to
active mode.
Wake up from short to GND condition
If the LIN transceiver was set in standby mode while LIN was in dominant (low) state,
recessive level at LIN for tlinbus, switches the L99PM62XP to active mode.
Note:
A wake up caused by a message on the bus starts the voltage regulator and the
microcontroller to switch the application back to normal operation mode.
2.8.3
LIN pull-up
The master node pull-up resistor (1 k
Ω) can be connected to Vs using the internal LIN_PU
high-side switch. This high-side switch can be controlled by SPI in order to allow
disconnection of the pull-up resistor in case of LIN bus short to GND conditions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com